Electronic Components Datasheet Search
  English  ▼

X  

UAR Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # UAR
Description  High Precision, High Frequency Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UAR Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  UAR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UAR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UAR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UAR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UAR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 2/4
Dimensions & Technical Characteristics
Dimensions & Technical Characteristics (UAR)
Type
UAR1/4
UAR1/8
UAR1/10
Power Rating at 85℃ (W)
0.33
0.25
0.125
Max. Working Voltage (V)
300
300
300
Resistance Range (Ω )
500.0~1.0M
100.0~1.0M
100.0~1.0M
Dimensions (Unit: mm)
L±0.3
14.8
10.0
6.8
D±0.3
5.2
3.7
2.5
A±0.05
0.60
0.60
0.60
(UAR) Dimensions
Specification
Specification (UAR)
Tolerance:
±0.02, ±0.05, ±0.10, ±0.25, ±0.5, ±1.0%
Temp. Coefficient:
±3, ±5, ±10, ±15ppm/℃
Standard Temperature Characteristic:
+25 to 85 ℃
On Request:
-10 to +85 ℃
Noise:
less than 0.05 μV/V
Voltage Coefficient:
less than 0.02 ppm/V
Non Linearity (3. Harm):
more than (-100)dB
Thermal Voltage to Copper:
1 ~ 3 μV/℃
Isolations Resistance:
10
10Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com