Electronic Components Datasheet Search
  English  ▼

X  

UPR Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # UPR
Description  Ultra Precision Resistor Networks
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPR Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  UPR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UPR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. UPR Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 4/5
Order Codes
Order Codes (UPR) Resistance Value 10Ω ~ 5MΩ
UPR
100R
A5
C6
P
Part Number
UPR
Resistance Value
(Ω)
10R
10
100R
100
1K
1K
1K1
1.1K
11K
11K
1M1
1.1M
Resistance Tolerance
(%)
A2
±0.02
A5
±0.05
B
±0.10
Temperature coefficient
(PPM/℃)
C3
±25
C5
±15
C6
±10
C7
±5
C9
±3
Package
P
Bulk
Order Codes (UPR) Resistance Value 100Ω ~ 500KΩ
UPR
1K
A5
C6
P
Part Number
UPR
Resistance Value
(Ω)
1K
1K
1K1
1.1K
11K
11K
110K
110K
Resistance Tolerance
(%)
T
±0.01
A2
±0.02
A5
±0.05
B
±0.10
Temperature coefficient
(PPM/℃)
C3
±25
C5
±15
C6
±10
C7
±5
C9
±3
C10
±2
Package
P
Bulk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com