Electronic Components Datasheet Search
  English  ▼

X  

UPRND Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # UPRND
Description  High Precision Network Voltage Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPRND Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  UPRND Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPRND Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPRND Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPRND Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UPRND Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. UPRND Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 3/5
Examples for Construction
Construction Examples (UPRND)
(UPRND) Parallel Voltage Divider Construction
1. There are no standard nominal resistances for UPRNS/UPRND Series.
2. It can be required to Token's representatives if requirement beyond above specifications.
3. Customer can designate or specify the number of component elements of Network Resistor according with this
specification of UPRNS/UPRND Series to meet your own needs.
UPRNS Versus UPRND Series
Precision Resistor Network Dimensions UPRND Versus UPRNS
Parallel Precision Resistor Networks
(UPRND) Dimensions
(UPRND)
Dimensions Unit: mm
A ± 0.5
Number of
Resistors
5.08
2
11.8
4
Serial Precision Resistor Networks
(UPRNS) Dimensions
(UPRNS) Voltage Divider
Resistor Networks
Dimensions Unit: mm
A ± 0.5
Pins
14.20
5
16.9
6
21.9
8
24.1
9
35
13
42.3
16
50.8
19



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com