Electronic Components Datasheet Search
  English  ▼

X  

UPRNS Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # UPRNS
Description  High Precision Network Voltage Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPRNS Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  UPRNS Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPRNS Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPRNS Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPRNS Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. UPRNS Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. UPRNS Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 1/5
Product Introduction
Features :
 UPRNS: Serial dip type; UPRND: Parallel dip
type.
 Any value available within resistance range.
 Lead (Pb)-free and RoHS compliant.
 Precision tolerance tight to A2(±0.02%).
 Metal film precision networks, excellent
stability and reliability.
 Superior TCR narrowed to Absolute C7(±5
ppm/℃), Relative C10(±2 ppm/℃).
Applications :
 Industrial, Military, Airborne.
 Electron Beam Applications (EB) Scanning,
 Recording Equipment, Electron Microscopes.
 Medical , Test And Measurement Equipment,
 Precision Divider, Bypass, High Precision
Instrumentation,
 Audio (High End Stereo Equipment), Precision
Amplifiers.
Precision thin film network technology outperforms all other
resistor technologies available today for applications that
require high precision and high stability. This technology has
been pioneered and developed by Token, and products based
on this technology are the most suitable for a wide range of
applications.
This technology with any value available within resistance
range allows customer orientated products, designed to
satisfy challenging and specific technical requirements.
Precision Network Resistors UPRNS Series meets Lead (Pb)-free and RoHS compliant.
Providing design engineers with an economical power resistor with high quality performance, Token
Electronics offers low cost industrial grade Serial UPRNS and Parallel UPRND networks.
Token's UPRNS/UPRND Series are assembled by EE/RE 1/10 series to form a stable, high precision
divider networks. Characteristic of UPRNS Series meet extreme low temperature coefficient.
Serial UPRNS equate to IRC, EBG Precision Devices with fast delivery and more competitive price.
For non-standard technical requirements and special applications, please contact us. Besides, you can
link to Token official website "Precision Resistors" to get more information.
Token's (UPRNS) high precision network voltage divider
saves on resistors.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com