Electronic Components Datasheet Search
  English  ▼

X  

SL28DB200AZCT Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL28DB200AZCT
Description  100 MHz Differential Buffer for PCI Express and SATA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28DB200AZCT Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28DB200AZCT Datasheet HTML 1Page - Silicon Laboratories SL28DB200AZCT Datasheet HTML 2Page - Silicon Laboratories SL28DB200AZCT Datasheet HTML 3Page - Silicon Laboratories SL28DB200AZCT Datasheet HTML 4Page - Silicon Laboratories SL28DB200AZCT Datasheet HTML 5Page - Silicon Laboratories SL28DB200AZCT Datasheet HTML 6Page - Silicon Laboratories SL28DB200AZCT Datasheet HTML 7Page - Silicon Laboratories SL28DB200AZCT Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SL28DB200
......................... Document #: 38-07722 Rev *C Page 2 of 8
Notes: I=Input, O=Output, DIF=Differential signal, SE=Single Ended, PWR=Power input, GND=Ground
Pin Description
Pin
Name
Type
Description
2,3
SRCIN, SRCIN#
I,DIF
0.7V Differential inputs
5,6,13,12
SRC[1:2], SRC[1:2]#
O,DIF
0.7V Differential Clock Outputs
7,11
OE[1:2]#
I,SE
3.3V LVTTL input for enabling differential outputs
15
IREF
I
A precision resistor 475 ohm
is attached to this pin to set the differential
output current
1
VDDA
PWR
3.3V Power Supply
16
VSSA
GND
Ground
8,10,14
VDD
PWR
3.3V power supply for outputs
4,9
VSS
GND
Ground for outputs
Table 1. Buffer Power-up State Machine
State
Description
S0
3.3V Buffer power off
S1
After 3.3V supply is detected to rise above 1.8V - 2.0V, the buffer enters state 1 and initiates a 0.2-ms–0.3-ms delay
S2
Buffer waits for a valid clock on the SRCIN input
S3
Once a valid input is detected, the buffer enters state 3 and enables outputs for normal operation
Figure 1. Buffer Power-up State Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com