Electronic Components Datasheet Search
  English  ▼

X  

M54672SP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54672SP
Description  2-PHASE STEPPER MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54672SP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54672SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54672SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54672SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54672SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54672SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2-PHASE STEPPER MOTOR DRIVER
M54672SP
MITSUBISHI <CONTROL / DRIVER IC>
VCC
-0.3 – 6
Symbol
Limits
Min.
Typ.
Max.
Unit
Parameter
RECOMMENDED OPERATING CONDITIONS (Ta=25˚C, unless otherwise noted)
V
°C
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
ELECTRICAL CHARACTERISTICS (Ta=25˚C, unless otherwise noted)
0
VCC
mA
450
480
µA
20
mA
1.5
V
10
15
V
100
V
1.6
25
mV
0.8
2.0
1.0
Symbol
Ratings
Unit
Parameter
Conditions
ABSOLUTE MAXIMUM RATINGS (Ta=25˚C, unless otherwise noted)
Supply voltage
-0.3 – 7
-0.3 – 24
-0.3 – 27
-0.3 – VCC
-0.3 – 15
-10
-20 – 75
-55 – 125
V
V
V
W
°C
°C
IIL
Output supply voltage
Bootstrap supply voltage
Logic input voltage
Analog input voltage
Comparative input voltage
Logic input current
Analog input current
Output supply current
Logic input voltage
Comparator threshold
Comparator input current
Output cutoff current
Saturation voltage
Logic input current
Cutoff time
Turn-off delay
Supply current
Voltage at sensing resistor is not included.
Vbs=12.7V, VMM=12V, IO=800mA
µA
µA
µs
µs
2.0
420
-20
100
5
-0.4
VMM=12V, tON
≥ 5µs
VR=5V
dVK/dt
≥ 50mV/µs
VCC=5V
VCC=5V, 1phase
VI=2.4V
VI=0.4V
“H”
“L”
IIH
ICC
td
tOFF
Vsat
IOFF
ICO
VCH
VIL
VIH
“H”
“L”
VCC
VMM
Vbs
IO
tPLH
tPHL
TON
Supply voltage
Output supply voltage
Bootstrap supply voltage
Output current
Logic input rise time
Logic input fall time
Thermal shutdown temperature
V
V
mA
µs
µs
5.5
20
24
1200
2
2
5
160
12
800
4.5
10
Vbs
≥ VMM+1V
20
VMM
Vbs
VL
VC
VR
IL
IC
IMM
Pd
Topr
Tstg
Allowable loss
Operating temperature
Storage temperature
mA
mA
mA
V
V
V
1.70
-10
±1500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com