Electronic Components Datasheet Search
  English  ▼

X  

SL28540 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SL28540
Description  Low Power Clock Generator for Intel짰Mobile Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28540 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SL28540 Datasheet HTML 17Page - Silicon Laboratories SL28540 Datasheet HTML 18Page - Silicon Laboratories SL28540 Datasheet HTML 19Page - Silicon Laboratories SL28540 Datasheet HTML 20Page - Silicon Laboratories SL28540 Datasheet HTML 21Page - Silicon Laboratories SL28540 Datasheet HTML 22Page - Silicon Laboratories SL28540 Datasheet HTML 23Page - Silicon Laboratories SL28540 Datasheet HTML 24Page - Silicon Laboratories SL28540 Datasheet HTML 25Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
SL28540
................................................... Document #: Page 21 of 25
For CPU, SRC, and DOT96 Signals and Reference
This diagram shows the test load configuration for the differential CPU and SRC outputs
50
15
Measurement
Point
4 pF
50
15
Measurement
Point
4 pF
50
REF
L2
L2
L1
L1
L2
15
Measurement
Point
4 pF
L1
Figure 13. Single-ended REF Triple Load Configuration
Figure 14. Single-ended Output Signals (for AC Parameters Measurement)
Figure 15. 0.7V Differential Load Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com