Electronic Components Datasheet Search
  English  ▼

X  

IRF152 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IRF152
Description  HIGH VOLTAGE POWER MOSFET DIE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IRF152 Datasheet(HTML) 1 Page - IXYS Corporation

  IRF152 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - IRF152

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF152 SAMSUNG-IRF152 Datasheet
210Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF152 FAIRCHILD-IRF152 Datasheet
125Kb / 4P
N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
New Jersey Semi-Conduct...
IRF152 NJSEMI-IRF152 Datasheet
136Kb / 3P
N-CHANNEL POWER MOSFETS
logo
Inchange Semiconductor ...
IRF152 ISC-IRF152 Datasheet
48Kb / 2P
High Power,High Speed Applications
logo
International Rectifier
IRF1520G IRF-IRF1520G Datasheet
178Kb / 6P
HEXFET POWER MOSFET
More results

Similar Description - IRF152

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN180N10 IXYS-IXFN180N10 Datasheet
84Kb / 4P
HiPerFET Power MOSFET Single MOSFET Die
IXFN230N10 IXYS-IXFN230N10 Datasheet
281Kb / 2P
Power MOSFETs Single Die MOSFET
IRFC450 IXYS-IRFC450 Datasheet
47Kb / 1P
HIGH VOLTAGE POWER MOSFET DIE
IRFC250 IXYS-IRFC250 Datasheet
49Kb / 1P
High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
IXFN230N10 IXYS-IXFN230N10_08 Datasheet
142Kb / 5P
Power MOSFET Single Die MOSFET
logo
Central Semiconductor C...
CP310-2N3439 CENTRAL-CP310-2N3439 Datasheet
543Kb / 4P
NPN - High Voltage Transistor Die
R0 9-May 2016
CP310-CJD340 CENTRAL-CP310-CJD340 Datasheet
542Kb / 4P
NPN - High Voltage Transistor Die
R0 15-August 2016
CP310-CMPTA44 CENTRAL-CP310-CMPTA44 Datasheet
541Kb / 4P
NPN - High Voltage Transistor Die
R0 9-May 2016
CP310-MPSA43 CENTRAL-CP310-MPSA43 Datasheet
541Kb / 4P
NPN - High Voltage Transistor Die
R0 9-May 2016
CP336V-2N5550 CENTRAL-CP336V-2N5550 Datasheet
868Kb / 4P
NPN - High Voltage Transistor Die
R0 14-September 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com