Electronic Components Datasheet Search
  English  ▼

X  

W255HT Datasheet(PDF) 5 Page - Silicon Laboratories

Part # W255HT
Description  200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

W255HT Datasheet(HTML) 5 Page - Silicon Laboratories

  W255HT Datasheet HTML 1Page - Silicon Laboratories W255HT Datasheet HTML 2Page - Silicon Laboratories W255HT Datasheet HTML 3Page - Silicon Laboratories W255HT Datasheet HTML 4Page - Silicon Laboratories W255HT Datasheet HTML 5Page - Silicon Laboratories W255HT Datasheet HTML 6Page - Silicon Laboratories W255HT Datasheet HTML 7Page - Silicon Laboratories W255HT Datasheet HTML 8Page - Silicon Laboratories W255HT Datasheet HTML 9Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
W255
..........................Document #: 38-07255 Rev. *D Page 5 of 9
t4d
DDR Falling Edge Rate[3]
Measured between 20% to 80% of
output (refer to Figure 1)
0.5
1.50
V/ns
t5
Output to Output Skew for DDR[3] All outputs equally loaded
100
ps
t6
Output to Output Skew for
SDRAM[3]
All outputs equally loaded
150
ps
t7
SDRAM Buffer LH Prop. Delay[3]
Input edge greater than 1 V/ns
5
10
ns
t8
SDRAM Buffer HL Prop. Delay[3]
Input edge greater than 1 V/ns
5
10
ns
Switching Characteristics (continued)[4]
Parameter
Name
Test Conditions
Min.
Typ.
Max.
Unit
Switching Waveforms
Duty Cycle Timing
t1
t2
All Outputs Rise/Fall Time
OUTPUT
t3
3.3V
0V
0.4V
2.4V
2.4V
0.4V
t4
Output-Output Skew
t5
OUTPUT
OUTPUT
SDRAM Buffer HH and LL Propagation Delay
t6
INPUT
OUTPUT
t7
1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com