Electronic Components Datasheet Search
  English  ▼

X  

W311HT Datasheet(PDF) 2 Page - Silicon Laboratories

Part # W311HT
Description  FTG for VIA??Pro-266 DDR Chipset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

W311HT Datasheet(HTML) 2 Page - Silicon Laboratories

  W311HT Datasheet HTML 1Page - Silicon Laboratories W311HT Datasheet HTML 2Page - Silicon Laboratories W311HT Datasheet HTML 3Page - Silicon Laboratories W311HT Datasheet HTML 4Page - Silicon Laboratories W311HT Datasheet HTML 5Page - Silicon Laboratories W311HT Datasheet HTML 6Page - Silicon Laboratories W311HT Datasheet HTML 7Page - Silicon Laboratories W311HT Datasheet HTML 8Page - Silicon Laboratories W311HT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
W311
......................... Document #: 38-07703 Rev. ** Page 2 of 18
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
RST#
CPU1:3
32
39, 38, 35
O
(open
drain)
O
System Reset Output: Open-drain system reset output.
CPU Clock Output: Frequency is set by the FS0:4 input or through serial input
interface. The CPU1:3 outputs are gated by the CLK_STOP# input.
CPU_STOP#
34
I
CPU Output Control: 3.3V LVTTL-compatible input that stop CPU1:3.
PCI1:8
10, 11, 13,
14, 16, 17,
18, 20
O
PCI Clock Outputs 1 through 8: Frequency is set by FS0:4 inputs or through
serial input interface; see Table 5 for details. PCI1:8 outputs are gated by the
PCI_STOP# input.
PCI_STOP#
33
O
PCI_STOP# Input: 3.3V LVTTL-compatible input that stops PCI1:8.
PCI_F
9
O
Free-Running PCI Clock Output: Frequency is set by FS0:4 inputs or through
serial input interface; see Table 5 for details.
FS0:1
AGP0:2
21, 22
23, 26, 27
I
O
Frequency Selection Inputs: Selects CPU clock frequency as shown in Table 1.
AGP Clock Output: This pin serves as the select strap to determine device
operating frequency as described in Table 5.
APIC0:2
48MHz/FS3
45, 44, 42
6
O
I/O
APIC Clock Output: APIC clock outputs.
48 MHz Output/Frequency Select 3: 48 MHz is provided in normal operation.
In standard PC systems, this output can be used as the reference for the Universal
Serial Bus host controller. This pin also serves as a power-on strap option to
determine device operating frequency as described in Table 5.
24_48MHz/
FS2
REF1/FS4
7
47
I/O
I/O
24_48 MHz Output/Frequency Select 2: In standard PC systems, this output
can be used as the clock input for a Super I/O chip. The output frequency is
controlled by Configuration Byte 3 bit[6]. The default output frequency is 24 MHz.
This pin also serves as a power-on strap option to determine device operating
frequency as described in Table 5.
Reference Clock Output 1/Frequency Select 4: 3.3V 14.318 MHz output clock.
This pin also serves as a power-on strap option to determine device operating
frequency as described in Table 5.
REF0
48
O
Reference Clock Output 0: 3.3V 14.318 MHz output clock.
SCLK
28
I
Clock pin for SMBus circuitry.
SDATA
29
I/O
Data pin for SMBus circuitry.
X1
3
I
Crystal Connection or External Reference Frequency Input: This pin has dual
functions. It can be used as an external 14.318 MHz crystal connection or as an
external reference frequency input.
X2
41
I
Crystal Connection: An input connection for an external 14.318 MHz crystal. If
using an external reference, this pin must be left unconnected.
VDD_REF,
VDD_48MHz,
VDD_PCI,
VDD_AGP,
VDD_CORE
1, 5,15, 24,
31
P
Power Connection: Power supply for core logic, PLL circuitry, PCI outputs,
reference outputs, 48 MHz output, and 24-48 MHz output, connect to 3.3V supply.
VDD_CPU,
VDD_APIC
41, 46, 37
P
Power Connection: Power supply for APIC and CPU output buffers, connect to
2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com