Electronic Components Datasheet Search
  English  ▼

X  

HM73 Datasheet(PDF) 3 Page - TT Electronics.

Part # HM73
Description  Shielded Low Profile Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM73 Datasheet(HTML) 3 Page - TT Electronics.

  HM73 Datasheet HTML 1Page - TT Electronics. HM73 Datasheet HTML 2Page - TT Electronics. HM73 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shielded Low Profile
Surface Mount Inductors
MODEL HM73
OutlineDimensions(Inch/mm)
Case size
Inductance Code
Fig.
A
B
D
E
F
G
H
I
10
All Models
2
.295
7.50
.271
6.90
.138
3.50
.138
3.50
.098
2.50
.079 ± .020
2.0 ± 0.5
.126 ± .020
3.2 ± 0.5
.118 ± .020
3.0 ± 0.5
10 & 10L
All Models
1
.285
7.23
.265
6.73
.086
2.20
.098
2.50
.098
2.50
.079 ± .020
2.0 ± 0.5
.126 ± .020
3.2 ± 0.5
.053 ± .020
1.35 ± 0.5
12
All Models
1
.295
7.50
.265
6.73
.086
2.20
.098
2.50
.098
2.50
.079 ± .020
2.0 ± 0.5
.126 ± .020
3.2 ± 0.5
.053 ± .020
1.35 ± 0.5
15
All Models
1
.461
11.70
.413
10.50
.098
2.50
.177
4.50
.142
3.60
.09 ± .020
2.3 ± 0.5
.197 ± .020
5.0 ± 0.5
.079 ± .020
2.0 ± 0.5
20
All Models
1
.531
13.5
.512
13.0
.158
4.00
.236
6.00
.158
4.00
.118 ± .020
3.0 ± 0.5
.240 ± .020
6.1 ± 0.5
.091 ± .020
2.3 ± 0.5
30
All Models
1
.552
14.0
.512
13.0
.158
4.00
.236
6.00
.167
4.25
.118 ± .020
3.0 ± 0.5
.240 ± .020
6.1 ± 0.5
.091 ± .020
2.3 ± 0.5
31
All Models
2
.512
13.0
.512
13.0
.295
7.50
.236
6.00
.177
4.50
.118 ± .020
3.0 ± 0.5
.240 ± .020
6.1 ± 0.5
.217 ± .020
5.5 ± 0.5
40
R15, R40 & 3R3
1
.575
14.6
.512
13.0
.158
4.00
.236
6.00
.177
4.50
.118 ± .020
3.0 ± 0.5
.240 ± .020
6.1 ± 0.5
.091 ± .020
2.3 ± 0.5
R30, R50
R90, 2R2 & 3R0
1
.556
14.1
.512
13.0
.158
4.00
.236
6.00
.167
4.25
.118 ± .020
3.0 ± 0.5
.240 ± .020
6.1 ± 0.5
.091 ± .020
2.3 ± 0.5
50
All Models
1
.531
13.5
.512
13.0
.158
4.00
.236
6.00
.158
4.00
.118 ± .020
3.0 ± 0.5
.240 ± .020
6.1 ± 0.5
.091 ± .020
2.3 ± 0.5
60
All Models
1
.591
15.0
.512
13.0
.165
4.20
.236
6.00
.197
5.00
.118 ± .020
3.0 ± 0.5
.250 ± .020
6.35 ± 0.5
.094 ± .020
2.4 ± 0.5
Figure 1Figure 2
Recommended Solder Pad Layout
Top View
Bottom View
Top View
Bottom View
Refer to
Refer to
F Typ.
E Typ.
F Typ.
Side View
Side View
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com