Electronic Components Datasheet Search
  English  ▼

X  

OP131 Datasheet(PDF) 1 Page - TT Electronics.

Part # OP131
Description  Hermetic Infrared Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP131 Datasheet(HTML) 1 Page - TT Electronics.

  OP131 Datasheet HTML 1Page - TT Electronics. OP131 Datasheet HTML 2Page - TT Electronics. OP131 Datasheet HTML 3Page - TT Electronics. OP131 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OP130 Series
© TT electronics plc
Issue C
08/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each OP130 series device is a 935 nm gallium arsenide (GaAs) infrared LED mounted in a hermetically sealed TO-46 package
that provides an enhanced temperature range with a variety of power ranges The TO-46 housing also offers high power
dissipation and superior protection for hostile environments.
Each OP130 device has a narrow beam with an inclusive angle at half power points of 18°. Each OP130W series device has a
broad irradiance pattern of 50° at half power points, providing relatively even illumination over a large area. These devices
are designed to efficiently operate with OP800, OP593, OP598 and OP599 phototransistors or the OP830 photodarlington.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more
information.
Applications:
 Non-contact reflective object sensor
 Assembly line automation
 Machine automation
 Machine safety
 End of travel sensor
Features:
 TO-46 hermetically sealed package
 Focused and non-focused optical light pattern
 Enhanced temperature range
 Mechanically and spectrally matched to other OPTEK devices
 Choice of power ranges
 Choice of narrow or wide irradiance pattern
“W”
Ordering Information
Part
Number
LED Peak
Wavelength
Output Power
(mW/cm
2)
Min / Max
Lens
Type
Total Beam
Angle
Lead
Length
(Min)
OP130
935 nm
1.0 / NA
Dome
18°
0.50"
OP131
3.0 / NA
OP132
4.0 / NA
OP133
5.0 / NA
OP130W
1.0 / NA
Flat
50°
OP132W
4.0 / NA
OP133W
5.0 / NA
RoHS


Similar Part No. - OP131

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP131 OPTEK-OP131 Datasheet
298Kb / 2P
GaAs Hermetic Infrared Emitting Diodes Types
OP131 OPTEK-OP131 Datasheet
264Kb / 4P
Hermetic Infrared Emitting Diode
OP131 OPTEK-OP131 Datasheet
234Kb / 4P
Hermetic Infrared Emitting Diode
OP131W OPTEK-OP131W Datasheet
195Kb / 1P
GaAs Hermetic Infrared Emitting Diodes
OP131W OPTEK-OP131W Datasheet
264Kb / 4P
Hermetic Infrared Emitting Diode
More results

Similar Description - OP131

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
Hermetic Infrared Emitting Diode
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
Hermetic Infrared Emitting Diode
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
Hermetic Infrared Emitting Diode
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com