Electronic Components Datasheet Search
  English  ▼

X  

OP231 Datasheet(PDF) 1 Page - TT Electronics.

Part # OP231
Description  Hermetic Infrared Emitting Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP231 Datasheet(HTML) 1 Page - TT Electronics.

  OP231 Datasheet HTML 1Page - TT Electronics. OP231 Datasheet HTML 2Page - TT Electronics. OP231 Datasheet HTML 3Page - TT Electronics. OP231 Datasheet HTML 4Page - TT Electronics. OP231 Datasheet HTML 5Page - TT Electronics. OP231 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Hermetic Infrared Emitting Diode
OP230 Series
General Note
TT Electronics reserves the right to make changes in product specification without notice or
liability. All information is subject to TT Electronics’ own data and is considered accurate at
time of going to print.
Issue B
07/2016
Page 1
© TT electronics plc
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Descrip on: 
Each device in this series is a gallium aluminum arsenide (GaAIAs) infrared emi ng diode, mounted in a herme c metal TO‐
46 housing. The gallium aluminum arsenide feature provides a higher radiated output than gallium arsenide at the same
forward current.
Each OP231, OP232, OP233, OP234 and OP235 device is lensed to provide a narrow beam angle (18°) between half power
points. The 890 nm wavelength closely matches the spectral response of silicon phototransistors, while the narrow beam
angle – combined with the specified radiant intensity of the OP231 series – facilitates easy design in beam interrupt
applica ons in conjunc on with the OP800 or OP598 series photosensors. The OP231 series is mechanically and spectrally 
matched to OP800, OP593 and OP598 phototransistors.
Each OP231W, OP232W, OP233W, OP234W and OP235W device is lensed to provide a wide beam angle (50°) between half
power points. The 890 nm wavelength closely matches the spectral response of silicon photo‐transistors, while the wide
beam angle provides rela vely even illumina on over a large area. The OP231W is mechanically and spectrally matched to 
the OP800WSL and OP830SL series devices. 
Please refer to Applica on Bulle ns 208 and 210 for addi onal design informa on and reliability (degrada on) data. 
Custom electrical, wire and cabling and connectors are
available. Contact your local representa ve or OPTEK for
more informa on. 
Features:
 Focused and non‐focused op cal light pa ern
 Enhanced temperature range
 TO‐46 herme cally sealed package
 Mechanically and spectrally matched to other Optek devices
 Choice of power ranges
 Choice of narrow or wide irradiance pa ern
Applica ons: 
 Non‐contact reflec ve object sensor
 Assembly line automa on
 Machine automa on
 Machine safety
 End of travel sensor
 Door sensor
Ordering Informa on 
 
Part 
Number 
 
LED Peak 
Wavelength  
Output Power  
(mW/cm
2)  
Min / Max 
 
Total Beam 
Angle 
 
Lead 
Length  
OP231 
890 nm
1.5 / NA
18°
0.50"
OP232 
2.0 / 6.0
OP233 
3.0 / NA
OP234 
850 nm
5.0 / NA
OP235 
6.0 / NA
OP231W 
1.5 / NA
50°
OP232W 
3.5 / 7.0
OP233W 
5.0 / NA
OP234W 
850 nm
5.0 / NA
OP235W 
6.0 / NA
890 nm


Similar Part No. - OP231

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP231 OPTEK-OP231 Datasheet
241Kb / 2P
GaAs HERMETIC INFRARED EMITTING DIODES
OP231 OPTEK-OP231 Datasheet
305Kb / 6P
Hermetic Infrared Emitting Diode
OP231 OPTEK-OP231 Datasheet
305Kb / 6P
Hermetic Infrared Emitting Diode
OP231W OPTEK-OP231W Datasheet
324Kb / 2P
GaAs HERMETIC INFRARED EMITTING DIODES
OP231W OPTEK-OP231W Datasheet
305Kb / 6P
Hermetic Infrared Emitting Diode
More results

Similar Description - OP231

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
Hermetic Infrared Emitting Diode
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
Hermetic Infrared Emitting Diode
OP235 OPTEK-OP235_14 Datasheet
305Kb / 6P
Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
Hermetic Infrared Emitting Diode
OP230WPS TTELEC-OP230WPS Datasheet
304Kb / 3P
Point Source Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com