Electronic Components Datasheet Search
  English  ▼

X  

OP298AD Datasheet(PDF) 5 Page - TT Electronics.

Part # OP298AD
Description  Plastic Infrared Emitting Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP298AD Datasheet(HTML) 5 Page - TT Electronics.

  OP298AD Datasheet HTML 1Page - TT Electronics. OP298AD Datasheet HTML 2Page - TT Electronics. OP298AD Datasheet HTML 3Page - TT Electronics. OP298AD Datasheet HTML 4Page - TT Electronics. OP298AD Datasheet HTML 5Page - TT Electronics. OP298AD Datasheet HTML 6Page - TT Electronics. OP298AD Datasheet HTML 7Page - TT Electronics. OP298AD Datasheet HTML 8Page - TT Electronics. OP298AD Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OP290 Series
Issue D
07/2016
Page 5
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
EE (APT)
(2)
Apertured Radiant Incidence
OP290A
OP290B
OP290C
210
180
150
-
-
-
-
300
-
IF = 1.50 A
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.2” (5.08 mm) from the tip of the lens.
mW/cm
2
OP291A
OP291C
16
10
-
-
-
-
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.2” (5.08 mm) from the tip of the lens.
OP292A
2.7
-
-
IF = 20 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.2” (5.08 mm) from the tip of the lens.
OP293A
OP293B
OP293C
16
13
10
-
22
-
-
26
-
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.2” (5.08 mm) from the tip of the lens.
OP294
0.50
-
1.50
IF = 5 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.200” (5.08mm) from the tip of the lens.
OP295A
OP295B
44
33
-
-
-
77
IF = 1.50 A
(1)(2)
Measured into a 0.250” [6.35mm] aperture
1.129” (28.7 mm) from the tip of the lens.
OP296A
OP296B
3.6
2.6
-
-
-
6.6
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
1.129” (28.7 mm) from the tip of the lens.
OP297FAB
OP297A
OP297B
2.4
0.7
0.5
-
-
1.0
-
-
1.3
IF = 20 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
1.129” (28.7 mm) from the tip of the lens.
OP298A
OP298B
OP298C
3.0
2.4
1.8
-
-
-
-
4.8
-
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
0.2” (5.08 mm) from the tip of the lens.
OP298AA
OP298AD
3.5
8.5
-
-
-
-
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
1.129” (28.7 mm) from the tip of the lens.
OP299
0.15
-
0.45
IF = 100 mA
(1)(2)
Measured into a 0.250” [6.35mm] aperture
1.129” (28.7 mm) from the tip of the lens.
Electrical Specifications
Notes:
1. Measurement is taken at the end of a single 100 µs pulse. Heating due to increased pulse rate or pulse width will cause a decrease in reading.
2. Measurement of the average apertured radiant energy incident upon a sensing area 0.250” (6.35 mm) in diameter perpendicular to and centered
on the mechanical axis of the lens and the specified distance from the end of the device. On all models in this series, EE(APT) is not necessarily
uniform within the measured area.
3. Measurement is taken at the end of a single 10 ms pulse. Heating due to increased pulse rate or pulse width will cause a decrease in reading.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com