Electronic Components Datasheet Search
  English  ▼

X  

OP290AC Datasheet(PDF) 2 Page - TT Electronics.

Part # OP290AC
Description  Plastic Infrared Emitting Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP290AC Datasheet(HTML) 2 Page - TT Electronics.

  OP290AC Datasheet HTML 1Page - TT Electronics. OP290AC Datasheet HTML 2Page - TT Electronics. OP290AC Datasheet HTML 3Page - TT Electronics. OP290AC Datasheet HTML 4Page - TT Electronics. OP290AC Datasheet HTML 5Page - TT Electronics. OP290AC Datasheet HTML 6Page - TT Electronics. OP290AC Datasheet HTML 7Page - TT Electronics. OP290AC Datasheet HTML 8Page - TT Electronics. OP290AC Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OP290 Series
Issue D
07/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
1
2
TO-18, TO-46 Package
OP293 & OP298
Part Number Guide — OP290 - OP299 Series
OP 2 9 X X W
Optek Assembly
Photodiode Output Family
Maximum Forward Current
Electrical Specification Variations:
0, 5 — 5 amps
A — Parameter A
1, 6 — 2 amps
B — Parameter B
2, 7 — 1 amps
C — Parameter C
3, 8 — 200 milli-amps
D — Parameter D
4, 9 — 750 milli-amps
AA — Parameter BA
AB — Parameter BB
AC — Parameter BC
AD — Parameter BD
T-1¾ Package
OP290, OP291, OP292, OP294,
OP295, OP296, OP297, OP299
1
2
Electrical Connection
A, B, C, AA, AB, AC, AD
Pin #
LED
X=0.060” (1.52 mm)
1
Anode
2
Cathode
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
Pin #
LED
X=0.060” (1.52 mm)
1
Anode
2
Cathode
Electrical Connection A, B, C, D
Pin #
LED
X=0.060” (1.52 mm)
1
Cathode
2
Anode
Electrical Connection OP297AB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com