Electronic Components Datasheet Search
  English  ▼

X  

OCL-400SWW Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # OCL-400SWW
Description  White ??high CRI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OCL-400SWW Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  OCL-400SWW Datasheet HTML 1Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 2Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 3Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 4Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 5Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 6Page - OSA Opto Light GmbH OCL-400SWW Datasheet HTML 7Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
White – high CRI
OCL-400 SW/SWW
Copyright © 2014 OSA Opto Light GmbH. All Rights Reserved
www.osa-opto.com
edition 12/14
Page/Seite 1/7
Features:
size 3,0(L) x 2,0(W) x 1,0(H) mm
circuit substrate: Al2O3 Ceramics
encapsulation: Silicone
devices are ROHS and REACH conform
lead free solderable, soldering pads: gold
plated
taped in 8 mm blister tape, cathode to
transporting perforation
all devices sorted into luminous intensity and
color classes
taping: face-up (T)
high luminous intensity type
high CRI
Merkmale:
Größe: 3.0 x 2.0 x 1.0 mm
Gehäusematerial: Al2O3 Keramik
Vergussmaterial: Silikon
Bauteile sind ROHS und REACH konform
Bleifrei lötbar, Lötpads vergoldet
gegurtet in 8mm Blistergurt, Kathode zur
Transportperforation
Alle Bauteile in Intensitäts- und Farbklassen
sortiert
Gurtung: Face-up (T)
Typen mit hoher Strahlstärke
Hoher Farbwiedergabeindex
 Electro-Optical Charactersistics (T=25°C)
Elektrooptische Eigenschaften
Type
Typ
Color
Farbe
If [mA]
Uf [V]
CRI [%]
IV [mcd]
typ
max
min
typ
OCL-400 SWW
warm white
warm weiß
20
3,10
3,60
80%
350
500
OCL-400 SW
cool white
kalt weiß
20
3,10
3,60
95%
400
650


Similar Part No. - OCL-400SWW

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OCL-400BA460 OSA-OCL-400BA460 Datasheet
152Kb / 5P
Series 400 - Ceramics blue
OCL-400BA460-X-T OSA-OCL-400BA460-X-T Datasheet
152Kb / 5P
Series 400 - Ceramics blue
OCL-400EB460 OSA-OCL-400EB460 Datasheet
154Kb / 5P
Series 400 - Ceramics thin film technology
OCL-400EB460-X-T OSA-OCL-400EB460-X-T Datasheet
154Kb / 5P
Series 400 - Ceramics thin film technology
OCL-400EG525-X-T OSA-OCL-400EG525-X-T Datasheet
154Kb / 5P
Series 400 - Ceramics thin film technology
More results

Similar Description - OCL-400SWW

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
C9WT821 SEOUL-C9WT821 Datasheet
1Mb / 16P
White & Warm colored SMT package High CRI PKG
logo
Everlight Electronics C...
EHP-B05MLG EVERLIGHT-EHP-B05MLG Datasheet
1Mb / 26P
CRI 75 White LED
ELCOB-N50M6 EVERLIGHT-ELCOB-N50M6 Datasheet
683Kb / 21P
High Power COB & High CRI LED
ELCOB-N70M8 EVERLIGHT-ELCOB-N70M8 Datasheet
707Kb / 21P
High Power COB & High CRI LED
ELCOB-P30MC EVERLIGHT-ELCOB-P30MC Datasheet
759Kb / 21P
High Power COB & High CRI LED
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
80-min CRI White and 70-min CRI Cool White
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
Available in outdoor white and 70-, 80- and 90-CRI white
Rev 0E
XP-G CREE-XP-G Datasheet
2Mb / 28P
Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
Elite Enterprises (H.K....
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
3W High CRI Power LED
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
5W High CRI Power LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com