Electronic Components Datasheet Search
  English  ▼

X  

RCAT-03 Datasheet(PDF) 2 Page - Mini-Circuits

Part # RCAT-03
Description  Fixed Attenuator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RCAT-03 Datasheet(HTML) 2 Page - Mini-Circuits

  RCAT-03 Datasheet HTML 1Page - Mini-Circuits RCAT-03 Datasheet HTML 2Page - Mini-Circuits RCAT-03 Datasheet HTML 3Page - Mini-Circuits RCAT-03 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microwave Precision
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Pad Description
Function
Pad Number
Description
RF IN / RF-OUT
1
RF input / output pad
RF-OUT / RF IN
3
RF output / input pad
GND
2,4
Connected to circuit ground
CASE STYLE: LZ1737
Product Features
• fixed value, absorptive device
• wide bandwidth, DC-20 GHz
• excellent attenuation accuracy & flatness
• miniature size 2.25 mm x 2.25 mm x 1.1 mm
• ceramic, hermetic, nitrogen filled
• aqueous washable
REV. A
M151107
RCAT-03+
BT/CP/AM
150513
Typical Applications
• cellular
• PCS
• communications
• radar
• wideband military
• test and measurement equipment
50Ω
2W
3dB
DC to 20 GHz
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
General Description
RCAT-03+ (RoHS compliant) is a wideband fixed attenuator with excellent attenuation accuracy and flatness.
It can handle up to 2W. The integrated circuits comprising of thin film resistors is bonded in an optimized multi
layer integrated LTCC substrate, and then hermetically sealed under a controlled nitrogen atmosphere with
gold-plated covers and eutectic AuSn solder. These attenuators have been tested to MIL requirements for
gross leak, fine leak, thermal shock, vibration, acceleration, mechanical shock, and HTOL.
 
 
 
 
 
 
Top View 
Bottom View 
3
 
4
2
1
 
Top View
Bottom View
RCAT-03+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com