Electronic Components Datasheet Search
  English  ▼

X  

AP6P025P Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP6P025P
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6P025P Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP6P025P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6P025P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6P025P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6P025P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6P025P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6P025P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP6P025P
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
14
16
18
20
22
246
8
10
-V GS , Gate-to-Source Voltage (V)
I D = -15 A
T C =25
o C
0
40
80
120
160
024
68
10
-V DS , Drain-to-Source Voltage (V)
T C =25
o C
- 10 V
- 7.0 V
- 6.0 V
- 5.0 V
V G = - 4.0 V
0.4
0.8
1.2
1.6
2.0
2.4
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = - 20 A
V G = -10V
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.0
0.5
1.0
1.5
2.0
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = - 250uA
0
20
40
60
80
012345
-V DS , Drain-to-Source Voltage (V)
T C =150
o C
-10V
-7.0V
-6.0V
-5.0V
V G = -4.0V
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com