Electronic Components Datasheet Search
  English  ▼

X  

LX1745 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # LX1745
Description  Triple Output Boost - LED Driver / LCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1745 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button LX1745 Datasheet HTML 8Page - Microsemi Corporation LX1745 Datasheet HTML 9Page - Microsemi Corporation LX1745 Datasheet HTML 10Page - Microsemi Corporation LX1745 Datasheet HTML 11Page - Microsemi Corporation LX1745 Datasheet HTML 12Page - Microsemi Corporation LX1745 Datasheet HTML 13Page - Microsemi Corporation LX1745 Datasheet HTML 14Page - Microsemi Corporation LX1745 Datasheet HTML 15Page - Microsemi Corporation LX1745 Datasheet HTML 16Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LX1745
PRODUCTION DATASHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 13
Triple Output Boost – LED Driver / LCD Bias
I N T E GR A T ED
PRODUCT S
Copyright
 2000
Rev. 1.1a, 2004-02-06
EVALUATION BOA RD
R4
4.02K
L1
47.0uH
+
C1
4.7uF
6.3V
C3
1000pF
R1
1M
R2
72K
R3
15
18V
VLCD1
1
22V
L2
L3
CR1
UPS5819
CR2
UPS5819
CR3
UPS5819
SHDN1
1
SHDN2
1
VLCD2
1
+
C5
4.7uF
35V
+
C6
4.7uF
35V
+
C4
spare
C7
1000pF
U1
LX1745
CS
15
ADJ1
2
BRT 16
SW1
1
SHDN1
3
VIN
4
SHDN2
9
OVP
17
SHDN
5
DRV
6
SRC
7
SW2
10
LEDGND
8
LFB
14
ADJ2
13
LCDGND2
11
REF
18
FB2
12
LCDGND1
20
FB1
19
C8
1000pF
JU3
1
2
R5
1M
R6
72K
R7
1.25M
R8
72K
ADJ1
1
ADJ2
1
C13
1uF
REF
1
R12
100K
C12
1uF
R13
100K
JU2
1
2
JU1
1
2
GND
1
Vin
1
CR4
UPS5819
CR5
UPS5819
C9
1uF
C10
1uF
-VLCD
1
+
C2
4.7uF
35V
VOUT
1
FDBK
1
GND
1
+
C11
Spare
Q1
FDV303N
JU4
1
2
LED 4
LED 3
LED 2
LED 1
BRT
1
SHDN
1
R11
10K
R10
10K
R9
10K
Figure 10 –
LX1745EVAL Evaluation Board Schematic
Figure 11 –
LX1745EVAL Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com