Electronic Components Datasheet Search
  English  ▼

X  

BC237A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC237A
Description  NPN Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC237A Datasheet(HTML) 2 Page - Micro Commercial Components

  BC237A Datasheet HTML 1Page - Micro Commercial Components BC237A Datasheet HTML 2Page - Micro Commercial Components BC237A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
2 of 3
MCC
TM
Micro Commercial Components
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
T
yp
Max
U
nit
Collector-base breakdown voltage
V(BR)CBO
IC=100μA, IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=2mA, IB=0
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
6
V
Collector cut-off current
ICBO
VCE=50V, VBE=0
15
nA
hFE(1)
VCE=5V, IC=10μA
BC237A
BC237B
BC237C
90
150
270
hFE(2)
VCE=5V, IC=2mA
BC237A
BC237B
BC237C
120
120
20
0
38
0
22
0
800
46
0
80
0
DC current gain
hFE(3)
VCE=5V, IC=100mA
BC237A
BC237B
BC237C
120
180
300
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
0.2
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=10mA,IB=0.5mA
IC=100mA,IB=5mA
0.83
1.05
V
Base-emitter voltage
VBE
VCE=5V, IC=0.1mA
VCE=5V, IC=2mA
VCE=5V, IC=100mA
0.55
0.5
0.83
0.7
V
Transition frequency
fT
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
4.5
pF
Emitter-base capacitance
Cib
VEB=0.5V, IC=0, f=1MHz
8
Pf
Noise figure
NF
VCE=5V, Ic=0.2mA,
f=1kHZ, Rs=2KΩ, Δf=200Hz
2
10
dB
Revision: A
2014/12/09
VCE=5V,IC=10mA,f=100MHz
150
200
VCE=3V,IC=0.5mA,f=100MHz
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com