Electronic Components Datasheet Search
  English  ▼

X  

BC369 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC369
Description  PNP Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC369 Datasheet(HTML) 2 Page - Micro Commercial Components

  BC369 Datasheet HTML 1Page - Micro Commercial Components BC369 Datasheet HTML 2Page - Micro Commercial Components BC369 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2014/12/09
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.1mA,IE=0
-25
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.01mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-25V,IE=0
-10
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-10
μA
hFE(1)
VCE=-1V, IC=-0.5A
85
375
hFE(2)
VCE=-10V, IC=-5mA
50
DC current gain
hFE(3)
VCE=-1V, IC=-1A
60
Collector-emitter saturation voltage
VCE(sat)
IC=-1A,IB=-0.1A
-0.5
V
Base-emitter voltage
VBE
IC=-1A, VCE=-1V
-1
V
Transition frequency
fT
VCE=-5V,IC=-10mA,f=35MHz
65
MHz
BC369
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com