Electronic Components Datasheet Search
  English  ▼

X  

M51326P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M51326P
Description  Analog switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51326P Datasheet(HTML) 1 Page - Renesas Technology Corp

  M51326P Datasheet HTML 1Page - Renesas Technology Corp M51326P Datasheet HTML 2Page - Renesas Technology Corp M51326P Datasheet HTML 3Page - Renesas Technology Corp M51326P Datasheet HTML 4Page - Renesas Technology Corp M51326P Datasheet HTML 5Page - Renesas Technology Corp M51326P Datasheet HTML 6Page - Renesas Technology Corp M51326P Datasheet HTML 7Page - Renesas Technology Corp M51326P Datasheet HTML 8Page - Renesas Technology Corp M51326P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev.1.0, Sep.22.2003, page 1 of 13
M51326P
Analog switch
REJ03F0079-0100Z
Rev.1.0
Sep.22.2003
Description
The M51326P is a semiconductor integrated circuit for use as an analog switch in image-handling equipment. The IC
incorporates two audio switches, one with two and one with three inputs, and one video switch with two inputs. Each
switch is independently controllable.
Features
• Built-in analog switches for use with video signals and stereo audio signals
• Wide video-switch bandwidth: DC to 10 MHz
• Good crosstalk characteristics (for video): 55 dB (typ.) @5 MHz
Applications
• Video equipment
Recommended operating condition
• Power-supply-voltage range: 5 to 14 V
• Rated power-supply voltage: 9 V, 12 V
Block diagram
1
SOUND (1) INPUTS
S
Gv = 0 dB
1
14
2
15
3
16
1
SOUND (1)
OUTPUT
1
SOUND (2) INPUTS
S2
10
9
2
8
SOUND (2)
OUTPUT
6
SOUND (1)
CONTROL
INPUT
13
SOUND (2)
CONTROL
INPUT
1
VIDEO INPUTS
S3
VCC
5
3
2
12
VIDEO
OUTPUT
4
2
DECOUPLING
11
GND
7
VIDEO
CONTROL
INPUT
Gv = 0 dB
Gv = 0 dB


Similar Part No. - M51326P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51320P MITSUBISHI-M51320P Datasheet
408Kb / 10P
ANALOG SWITCH
More results

Similar Description - M51326P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
Analog Switch
November, 1999 ??Rev. 2
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
Analog Switch
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
Renesas Technology Corp
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
Analog Switch
logo
E-Tech Electronics LTD
MC74VHC1GT66 ETL-MC74VHC1GT66 Datasheet
694Kb / 6P
ANALOG Switch
logo
Renesas Technology Corp
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com