Electronic Components Datasheet Search
  English  ▼

X  

BSR33 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BSR33
Description  Silicon PNP epitaxial planer Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BSR33 Datasheet(HTML) 1 Page - Micro Commercial Components

  BSR33 Datasheet HTML 1Page - Micro Commercial Components BSR33 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BSR33
Silicon
PNP epitaxial planer
Transistors
Features
•
Low Voltage
•
High Current
•
Complement to BSR43
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
-80
V
VCBO
Collector-Base Voltage
-90
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-1
A
PC
Collector Dissipation
500
mW
TJ
Operating Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-1mAdc, IB=0)
-80
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-100
µAdc, I
E=0)
-90
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=-100
µAdc, I
C=0)
-5
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-60Vdc, IE=0Vdc)
---
---
-100
nAdc
IEBO
Emitter Cutoff Current
(VEB=-5Vdc, IC=0Vdc)
---
---
-100
nAdc
hFE
DC Current Gain
(IC=-0.1mAdc, VCE=-5Vdc)*
30
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-150mAdc, IB=-15mAdc) *
---
---
-0.25
Vdc
fT
Current Gain-Bandwidth Product
(VCE=-10Vdc, IC=0Adc, f=100MHz)
100
---
---
MHz
* Pulse measurement
Revision: A
2014/07/31





 

 
 
















25











































SOT-89
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
1.BASE
2.COLLECTOR
3.EMITTER
TM
Micro Commercial Components
www.mccsemi.com
1 of
2
B
A
E
D
G
H
F
K
J
C
1
2
3
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•
Rthja
Thermal Resistance From Junction To Ambient
250
oC/W
(IC=-0.5Adc, VCE=-5Vdc)*
50
---
---
---
(IC=-100mAdc, VCE=-5Vdc)*
100
---
300
---
(IC=-500mAdc, IB=-50mAdc) *
---
---
-1.2
Vdc
VBE(sat)
Base-emitter saturation voltage
(IC=-150mAdc, IB=-15mAdc) *
---
---
-1
Vdc
(IC=-500mAdc, IB=-50mAdc) *
---
---
-0.5
Vdc


Similar Part No. - BSR33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR33 PHILIPS-BSR33 Datasheet
41Kb / 8P
PNP medium power transistors
1999 Apr 26
logo
Zetex Semiconductors
BSR33 ZETEX-BSR33 Datasheet
33Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR33 ZETEX-BSR33 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Guangdong Kexin Industr...
BSR33 KEXIN-BSR33 Datasheet
38Kb / 2P
PNP Medium Power Transistors
logo
NXP Semiconductors
BSR33 NXP-BSR33 Datasheet
118Kb / 7P
PNP medium power transistors
2004 Dec 13
More results

Similar Description - BSR33

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
Silicon PNP(PNP) epitaxial planer transistor
XN04322 PANASONIC-XN04322 Datasheet
115Kb / 5P
Composite Transistors Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
logo
Micro Commercial Compon...
2SB1073-Q MCC-2SB1073-Q Datasheet
205Kb / 3P
Silicon PNP epitaxial planer Transistors
MJD32C MCC-MJD32C Datasheet
590Kb / 4P
Silicon PNP epitaxial planer Transistors
MJD127 MCC-MJD127 Datasheet
357Kb / 3P
Silicon PNP epitaxial planer Transistors
2SB1073-Q MCC-2SB1073-Q_13 Datasheet
219Kb / 3P
Silicon PNP epitaxial planer Transistors
MJD42C MCC-MJD42C Datasheet
372Kb / 2P
Silicon PNP epitaxial planer Transistors
MJD127 MCC-MJD127_13 Datasheet
373Kb / 3P
Silicon PNP epitaxial planer Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com