Electronic Components Datasheet Search
  English  ▼

X  

HM4033 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HM4033
Description  PNP Plastic Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HM4033 Datasheet(HTML) 1 Page - Micro Commercial Components

  HM4033 Datasheet HTML 1Page - Micro Commercial Components HM4033 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Data
Marking:H4033
HM4033
PNP Plastic
Encapsulate
Transistor
Features
High current for general purpose amplifier application
SOT-89 package for surface mount application
Electrical Characteristics @ Ta=25OC Unless Otherwise
Symbol
Parameter
Min
Typ
Max
Units
ICBO
Collector Cutoff Current
(VCB=-60Vdc,IE=0)
-100
nA
IEBO
Emitter Cutoff Current
(VEB=-5.0Vdc, IC=0)
-100
nA
V(BR)CBO
Collector-Base Breakdown Voltage
(Ic=-10uA, IE=0)
-80
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
(Ic=-10mA, IB=0)
-80
V
V(BR) EBO
Emitter-Base Breakdown Voltage
(IE=-10uA, IC=0)
-5
V
hFE1
VCE=-5V, IC=-0.1mA
75
hFE2
V CE=-5V, IC=-100mA
100
hFE3
V CE=-5V, IC=-500mA
70
hFE4
VCE=-5V, IC=-1000mA
25
VCE(SAT)1
IC=-150mA, IB=-15mA
-0.15
V
VCE(SAT)1
IC=-500mA, IB=-50mA
-0.5
V
VBE(SAT)1
IC=-150mA, IB=-15mA
-0.9
V
VBE(SAT)1
IC=-500mA, IB=-50mA
-1.1
V
fT
Transition Frequency
(VCE=-10V, IC=50mA, f=100MHZ)
100
MHZ
Cob
Collector Output Capacitance
(VCB=-10V, IE=0, f=1MHZ)
20
pF
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2013/01/01





















SOT-89
B
A
E
D
G
H
F
K
J
C
E
B
C




 

 
 












































































C
www.mccsemi.com
1 of 2
Specified
Maximum Ratings@ Ta=25OC Unless Otherwise Specified
Symbol
Parameter
Rating
Unit
VCEO
Collector-Emitter Voltage
-80
V
VCBO
Collector-Base Voltage
-80
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-1
A
Pc
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
1.55
.061
REF.


TM
Micro Commercial Components
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - HM4033

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM4033 HSMC-HM4033 Datasheet
26Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
Micro Commercial Compon...
HM4033 MCC-HM4033 Datasheet
223Kb / 2P
PNP Plastic Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
HM4033 HTSEMI-HM4033 Datasheet
259Kb / 1P
TRANSISTOR (PNP)
logo
Galaxy Semi-Conductor H...
HM4033 BILIN-HM4033 Datasheet
150Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
Rev.A
logo
Jiangsu Changjiang Elec...
HM4033 JIANGSU-HM4033 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - HM4033

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BCX53 WEITRON-BCX53 Datasheet
700Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
PNP Plastic-Encapsulate Transistor
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807 Datasheet
419Kb / 2P
PNP Plastic Encapsulate Transistor
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
PNP Plastic-Encapsulate Transistor
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
PNP Plastic Encapsulate Transistor
BCX53 SECOS-BCX53_16 Datasheet
341Kb / 2P
PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com