Electronic Components Datasheet Search
  English  ▼

X  

MBR4045CT Datasheet(PDF) 1 Page - International Rectifier

Part # MBR4045CT
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR4045CT Datasheet(HTML) 1 Page - International Rectifier

  MBR4045CT Datasheet HTML 1Page - International Rectifier MBR4045CT Datasheet HTML 2Page - International Rectifier MBR4045CT Datasheet HTML 3Page - International Rectifier MBR4045CT Datasheet HTML 4Page - International Rectifier MBR4045CT Datasheet HTML 5Page - International Rectifier MBR4045CT Datasheet HTML 6Page - International Rectifier MBR4045CT Datasheet HTML 7Page - International Rectifier MBR4045CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCHOTTKY RECTIFIER
40 Amp
MBR4045CT
MBRB4045CT
MBR4045CT-1
Bulletin PD-20051 rev. A 09/01
1
www.irf.com
Major Ratings and Characteristics
I
F(AV) Rectangular waveform
40
A
(Per Device)
I
FRM @ TC = 118°C
40
A
(Per Leg)
V
RRM
45
V
I
FSM @ tp = 5 µs sine
900
A
V
F
@ 20Apk,T
J = 125°C
0.58
V
T
J
range
- 65 to 150
°C
Characteristics
Values
Units
Description/Features
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150° C junction
temperature. Typical applications are in switching power
supplies, converters, free-wheeling diodes, and reverse bat-
tery protection.
150° C T
J operation
Center tap TO-220, D2Pak and TO-262 packages
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
MBR4045CT
TO-220AB
Case Styles
MBRB4045CT
D2PAK
MBR4045CT-1
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - MBR4045CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MBR4045CT MICROSEMI-MBR4045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
International Rectifier
MBR4045CT IRF-MBR4045CT Datasheet
175Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR4045CT VISHAY-MBR4045CT Datasheet
97Kb / 6P
Schottky Rectifier, 2 x 20 A
30-Jun-08
logo
Shanghai Lunsure Electr...
MBR4045CT CHENYI-MBR4045CT Datasheet
477Kb / 2P
40Amp schottky barrier rectifier 20to60 volts
logo
Kersemi Electronic Co.,...
MBR4045CT KERSEMI-MBR4045CT Datasheet
2Mb / 5P
This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature.
More results

Similar Description - MBR4045CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com