Electronic Components Datasheet Search
  English  ▼

X  

MMJD3055 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMJD3055
Description  Silicon NPN epitaxial planer Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMJD3055 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMJD3055 Datasheet HTML 1Page - Micro Commercial Components MMJD3055 Datasheet HTML 2Page - Micro Commercial Components MMJD3055 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
•
Capable of 1.25Watts of Power Dissipation.
•
Collector-current 1
0A
•
Collector-base Voltage 70V
•
Operating and storage junction temperature range: -55
OC to +150OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=200mAdc, IB=0)
60
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=1000μAdc, IE=0)
70
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=1000μvAdc, IC=0)
5
Vdc
ICBO
Collector Cutoff Current
(VCB=70Vdc, IE=0)
20
μAdc
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0)
500
μAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(IC=
4.0Adc, VCE=4.0Vdc)
20
100
hFE(2)
DC Current Gain
(IC=10Adc, VCE=4Vdc)
5.0
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=4Adc, IB=0.4Adc)
1.
1
Vdc
(IC=10Adc, IB=3.3Adc)
8.0
Vdc
VBE
Base-Emitter Voltage
(IC=4Adc,VCE=4V
1.8
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Trans istor Frequency
(IC=
0.5Adc, VCE=10Vdc, f=1.0MHz)
2.0
MHz
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Silicon
NPN epitaxial planer
Transistors
DIMENSIONS
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.087
0.094
2.20
2.40
B
0.000
0.005
0.00
0.13
C
0.026
0.034
0.66
0.86
D
0.018
0.023
0.46
0.58
E
0.256
0.264
6.50
6.70
F
0.201
0.215
5.10
5.46
G
0.190
4.83
H
0.236
0.244
6.00
6.20
J
0.386
0.409
9.80
10.40
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
INCHES
O
0.043
0.051
1.10
1.30
Q
A
D
B
L
G
V
K
C
I
J
H
O
M
F
1
2
3
I
0.086
0.094
2.18
2.39
K
0.114
2.90
L
0.055
0.067
1.40
1.70
M
0.063
1.60
Q
0.000
0.012
0.00
0.30
V
0.211
5.35
DPAK
E
MMJD3055
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - MMJD3055

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
MMJ-100B-501 TALEMA-MMJ-100B-501 Datasheet
66Kb / 2P
Miniature SMD Interface Modules
logo
Taiyo Yuden (U.S.A.), I...
MMJCE21GCB7225KTPA18 TAIYO-YUDEN-MMJCE21GCB7225KTPA18 Datasheet
503Kb / 3P
Soft Termination Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
MMJCE21GCB7225MTPA18 TAIYO-YUDEN-MMJCE21GCB7225MTPA18 Datasheet
503Kb / 3P
Soft Termination Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
MMJCE21GCB7475KTPA18 TAIYO-YUDEN-MMJCE21GCB7475KTPA18 Datasheet
503Kb / 3P
Soft Termination Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
MMJCE21GCB7475MTPA18 TAIYO-YUDEN-MMJCE21GCB7475MTPA18 Datasheet
503Kb / 3P
Soft Termination Multilayer Ceramic Capacitors for Medical Devices classified as GHTF Class C (Japan Class III)
More results

Similar Description - MMJD3055

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
XN04322 PANASONIC-XN04322 Datasheet
115Kb / 5P
Composite Transistors Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
logo
Micro Commercial Compon...
MJD122 MCC-MJD122 Datasheet
277Kb / 3P
Silicon NPN epitaxial planer Transistors
BD882-R MCC-BD882-R Datasheet
314Kb / 3P
Silicon NPN epitaxial planer Transistors
MJD31C MCC-MJD31C Datasheet
598Kb / 4P
Silicon NPN epitaxial planer Transistors
MJD32C MCC-MJD32C Datasheet
590Kb / 4P
Silicon PNP epitaxial planer Transistors
MJD112 MCC-MJD112 Datasheet
382Kb / 3P
Silicon NPN epitaxial planer Transistors
BD882-R MCC-BD882-R_13 Datasheet
382Kb / 3P
Silicon NPN epitaxial planer Transistors
MJD112 MCC-MJD112_16 Datasheet
295Kb / 3P
Silicon NPN epitaxial planer Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com