Electronic Components Datasheet Search
  English  ▼

X  

MPS3702 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MPS3702
Description  PNP General Purpose Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPS3702 Datasheet(HTML) 2 Page - Micro Commercial Components

  MPS3702 Datasheet HTML 1Page - Micro Commercial Components MPS3702 Datasheet HTML 2Page - Micro Commercial Components MPS3702 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Symbol
Parameter
Min
Max
Units
ON CHARACTERISTICS
hFE
DC Current Gain
(VCE=5.0Vdc, IC=50mAdc)
60
300
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=50mAdc, IB=5.0mAdc)
---
0.25
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=50mAdc,VCE=5.0Vdc)
0.6
1.0
Vdc
SMALL-SIGNAL CHARACTERISTICS
COB
Output Capacitance
(VCB=10Vdc, f=1.0MHz)
---
12
pF
fT
Current Gain-Brandwidth Product
(IC=50mAdc, VCE=5.0Vdc, f=20MHz)
100
---
MHz
MCC
MPS3702
Revision: D
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com