Electronic Components Datasheet Search
  English  ▼

X  

MPSA94 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MPSA94
Description  PNP Silicon High Voltage Transistor 625mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPSA94 Datasheet(HTML) 2 Page - Micro Commercial Components

  MPSA94 Datasheet HTML 1Page - Micro Commercial Components MPSA94 Datasheet HTML 2Page - Micro Commercial Components MPSA94 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
MPSA94
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(1)
(IC = -1.0 mAdc, IB = 0)
V(BR)CEO
-400
—
Vdc
Collector–Base Breakdown Voltage
(IC = -100 ı
μAdc, I
E
= 0)
V(BR)CBO
-400
—
Vdc
Emitter–Base Breakdown Voltage
(IE = -100
μAdc, IC = 0)
V(BR)EBO
-5.0
—
Vdc
Collector Cutoff Current
(VCB = -300 Vdc, IE = 0)
ICBO
—
-0.1
µAdc
Emitter Cutoff Current
(VEB = -4.0 Vdc, IC = 0)
IEBO
—
-0.1
µAdc
ON CHARACTERISTICS(1)
DC Current Gain(1)
(IC = -1.0 mAdc, VCE = -10 Vdc)
(IC = -10 mAdc, VCE = -10 Vdc)
(IC = -100 mAdc, VCE = -10 Vdc)
hFE
70
80
60
300
Collector–Emitter Saturation Voltage(1)
(IC = -10 mAdc, IB = -1.0 mAdc)
(IC = -50 mAdc, IB = -5.0 mAdc)
VCE(sat)
—
—
-0.2
-0.3
Vdc
Base–Emitter Saturation Voltage
(IC = -10 mAdc, IB = -1.0 mAdc)
VBE(sat)
—
-0.75
Vdc
SMALL–SIGNAL CHARACTERISTICS
Output Capacitance
(VCB = 20 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
7.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
—
130
pF
Small–Signal Current Gain
(IC = 10 mAdc, VCE = 10 Vdc, f = 20 MHz)
hfe
1.0
—
—
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Revision: D
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com