Electronic Components Datasheet Search
  English  ▼

X  

MPSW01A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MPSW01A
Description  NPN Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPSW01A Datasheet(HTML) 2 Page - Micro Commercial Components

  MPSW01A Datasheet HTML 1Page - Micro Commercial Components MPSW01A Datasheet HTML 2Page - Micro Commercial Components MPSW01A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2015/07/09
MPSW
01A
www.mccsemi.com
2 of 3
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=40V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=3V,IC=0
0.1
μA
hFE(1)
VCE=1V, IC=0.01A
55
hFE(2)
VCE=1V, IC=0.1A
60
DC current gain
hFE(3)
VCE=1V, IC=1A
50
Collector-emitter saturation voltage
VCE(sat)
IC=1A,IB=0.1A
0.
5
V
Base-emitter voltage
VBE
IC=1A, VCE=1V
1.2
V
Transition frequency
fT
VCE=10V,IC=50mA,f=20MHz
50
MHz
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
20
pF
Micro Commercial Components
M C C
TM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com