Electronic Components Datasheet Search
  English  ▼

X  

MPSW51 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MPSW51
Description  PNP Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPSW51 Datasheet(HTML) 2 Page - Micro Commercial Components

  MPSW51 Datasheet HTML 1Page - Micro Commercial Components MPSW51 Datasheet HTML 2Page - Micro Commercial Components MPSW51 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2014/12/09
MPSW51
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.1mA,IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-3V,IC=0
-0.1
μA
hFE(1)
VCE=-1V, IC=-0.01A
55
hFE(2)
VCE=-1V, IC=-0.1A
60
DC current gain
hFE(3)
VCE=-1V, IC=-1A
50
Collector-emitter saturation voltage
VCE(sat)
IC=-1A,IB=-0.1A
-0.7
V
Base-emitter voltage
VBE
IC=-1A, VCE=-1V
-1.2
V
Transition frequency
fT
VCE=-10V,IC=-50mA,f=20MHz
50
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
30
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com