Electronic Components Datasheet Search
  English  ▼

X  

AD558 Datasheet(PDF) 10 Page - Analog Devices

Part # AD558
Description  DACPORT Low Cost Complete P0compatible 8-Bit DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD558 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD558 Datasheet HTML 2Page - Analog Devices AD558 Datasheet HTML 3Page - Analog Devices AD558 Datasheet HTML 4Page - Analog Devices AD558 Datasheet HTML 5Page - Analog Devices AD558 Datasheet HTML 6Page - Analog Devices AD558 Datasheet HTML 7Page - Analog Devices AD558 Datasheet HTML 8Page - Analog Devices AD558 Datasheet HTML 9Page - Analog Devices AD558 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Data Sheet
AD558
ORDERING GUIDE
Model
Temperature Range
Relative Accuracy Error Max
TMIN to TMAX
Full Scale Error Max
TMIN to TMAX
Package Option
AD558JN
0°C to +70°C
±1/2 LSB
±2.5 LSB
PDIP (N-16)
AD558JNZ
0°C to +70°C
±1/2 LSB
±2.5 LSB
PDIP (N-16)
AD558JP
0°C to +70°C
±1/2 LSB
±2.5 LSB
PLCC (P-20)
AD558JP-REEL7
0°C to +70°C
±1/2 LSB
±2.5 LSB
PLCC (P-20)
AD558JPZ
0°C to +70°C
±1/2 LSB
±2.5 LSB
PLCC (P-20)
AD558JPZ-REEL
0°C to +70°C
±1/2 LSB
±2.5 LSB
PLCC (P-20)
AD558JPZ-REEL7
0°C to +70°C
±1/2 LSB
±2.5 LSB
PLCC (P-20)
AD558JD
0°C to +70°C
±1/2 LSB
±2.5 LSB
SBDIP (D-16)
AD558KN
0°C to +70°C
±1/4 LSB
±1 LSB
PDIP (N-16)
AD558KNZ
0°C to +70°C
±1/4 LSB
±1 LSB
PDIP (N-16)
AD558KP
0°C to +70°C
±1/4 LSB
±1 LSB
PLCC (P-20)
AD558KPZ
0°C to +70°C
±1/4 LSB
±1 LSB
PLCC (P-20)
AD558KPZ-REEL7
0°C to +70°C
±1/4 LSB
±1 LSB
PLCC (P-20)
AD558KD
0°C to +70°C
±1/4 LSB
±1 LSB
SBDIP (D-16)
AD558SD
–55°C to +125°C
±3/4 LSB
±2.5 LSB
SBDIP (D-16)
AD558TD
–55°C to +125°C
±3/8 LSB
±1 LSB
SBDIP (D-16)
AD558TCHIPS
–55°C to +125°C
±3/8 LSB
±1 LSB
Die part
AD558SD/883B
–55°C to +125°C
±3/4 LSB
±2.5 LSB
SBDIP (D-16)
AD558SE/883B
–55°C to +125°C
±3/4 LSB
±2.5 LSB
LCC (E-20-1)
AD558TD/883B
–55°C to +125°C
±3/8 LSB
±1 LSB
SBDIP (D-16)
AD558TE/883B
–55°C to +125°C
±3/8 LSB
±1 LSB
LCC (E-20-1)
1 For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices Military Products Databook or current AD558/883B
data sheet.
2S = Ceramic SBDIP; N = Plastic PDIP; P = Plastic Leaded Chip Carrier.
REVISION HISTORY
6/2017—Rev. A to Rev. B
Added Bond Pad Coordinates Table...............................................3
Updated Outline Dimensions..........................................................8
Changes to Ordering Guide.............................................................9
©1987–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09374-0-6/17(B)
–
9–



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com