Electronic Components Datasheet Search
  English  ▼

X  

AD565AJRZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD565AJRZ
Description  High Speed 12-Bit Monolithic D/A Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD565AJRZ Datasheet(HTML) 1 Page - Analog Devices

  AD565AJRZ Datasheet HTML 1Page - Analog Devices AD565AJRZ Datasheet HTML 2Page - Analog Devices AD565AJRZ Datasheet HTML 3Page - Analog Devices AD565AJRZ Datasheet HTML 4Page - Analog Devices AD565AJRZ Datasheet HTML 5Page - Analog Devices AD565AJRZ Datasheet HTML 6Page - Analog Devices AD565AJRZ Datasheet HTML 7Page - Analog Devices AD565AJRZ Datasheet HTML 8Page - Analog Devices AD565AJRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FUNCTIONAL BLOCK DIAGRAMS
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD565A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE INPUT
LSB
MSB
10V
VCC
REF OUT
REF
IN
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD566A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE INPUT
LSB
MSB
REF
IN
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
High Speed 12-Bit
Monolithic D/A Converters
FEATURES
Single Chip Construction
Very High Speed Settling to 1/2 LSB
AD565A: 250 ns max
AD566A: 350 ns max
Full-Scale Switching Time: 30 ns
Guaranteed for Operation with
12 V (565A) Supplies,
with –12 V Supply (AD566A)
Linearity Guaranteed Overtemperature
1/2 LSB max (K, T Grades)
Monotonicity Guaranteed Overtemperature
Low Power:
AD566A = 180 mW max;
AD565A = 225 mW max
Use with On-Board High Stability Reference (AD565A)
or with External Reference (AD566A)
Low Cost
MlL-STD-883-Compliant Versions Available
PRODUCT DESCRIPTION
The AD565A and AD566A are fast 12-bit digital-to-analog
converters that incorporate the latest advances in analog circuit
design to achieve high speeds at low cost.
The AD565A and AD566A use 12 precision, high speed bipolar
current-steering switches, a control amplifier, and a laser-trimmed
thin-film resistor network to produce a very fast, high accuracy
analog output current. The AD565A also includes a buried
Zener reference that features low noise, long-term stability, and
temperature drift characteristics comparable to the best discrete
reference diodes.
The combination of performance and flexibility in the AD565A and
AD566A has resulted from major innovations in circuit design,
an important new high speed bipolar process, and continuing
advances in laser-wafer-trimming techniques (LWT). The
AD565A and AD566A have a 10%–90% full-scale transition
time less than 35 ns and settle to within
±1/2 LSB in 250 ns max
(350 ns for AD566A). Both are laser-trimmed at the wafer level
to
±1/8 LSB typical linearity and are specified to ±1/4 LSB max
error (K and T grades) at +25
°C. High speed and accuracy make
the AD565A and AD566A the ideal choice for high speed display
drivers as well as for fast analog-to-digital converters.
The laser trimming process that provides the excellent linearity
is also used to trim both the absolute value and the temperature
coefficient of the reference of the AD565A, resulting in a typical
full-scale gain TC of 10 ppm/
°C. When tighter TC performance
is required or when a system reference is available, the AD566A
may be used with an external reference.
AD565A and AD566A are available in four performance
grades. The J and K grades are specified for use over the 0
°C to
+70
°C temperature range while the S and T grades are speci-
fied for the –55
°C to +125°C range. The D grades are all pack-
aged in a 24-lead, hermetically sealed, ceramic, dual-in-line
package. The JR grade is packaged in a 28-lead plastic SOIC.
PRODUCT HIGHLIGHTS
1. The wide output compliance range of the AD565A and
AD566A are ideally suited for fast, low noise, accurate voltage
output configurations without an output amplifier.
2. The devices incorporate a newly developed, fully differential,
nonsaturating precision current switching cell structure that
combines the dc accuracy and stability first developed in the
AD562/AD563 with very fast switching times and an optimally
damped settling characteristic.
3. The devices also contain SiCr thin-film application resistors
that can be used with an external op amp to provide a preci-
sion voltage output or as input resistors for a successive-
approximation A/D converter. The resistors are matched to
the internal ladder network to guarantee a low gain temperature
coefficient and are laser-trimmed for minimum full-scale and
bipolar offset errors.
4. The AD565A and AD566A are available in versions compliant
with MIL-STD-883. Refer to the Analog Devices Military
Products Databook or current /883B data sheet for detailed
specifications.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
© Analog Devices, Inc.,
781/461-3113
2015
F
AD565A
The AD566A is no longer available.
AD566A is obsolete


Similar Part No. - AD565AJRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD565AJR AD-AD565AJR Datasheet
152Kb / 11P
High Speed 12-Bit Monolithic D/A Converters
More results

Similar Description - AD565AJRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD565A AD-AD565A Datasheet
152Kb / 11P
High Speed 12-Bit Monolithic D/A Converters
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
68Kb / 7P
12-Bit, Low Cost, Monolithic D/A Converters
August 1997
logo
Maxim Integrated Produc...
MX565A MAXIM-MX565A Datasheet
341Kb / 8P
High Speed 12-Bit Monolithic D/A Converters
logo
Integrated Circuit Syst...
ADC84 ICST-ADC84 Datasheet
922Kb / 6P
High-speed, 12-bit A/D Converters
logo
API Technologies Corp
ADC84 APITECH-ADC84 Datasheet
927Kb / 6P
High-speed, 12-bit A/D Converters
logo
Analog Devices
AD565 AD-AD565_15 Datasheet
1,010Kb / 3P
COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
AD565A AD-AD565A_15 Datasheet
182Kb / 12P
High Speed 12-Bit Monolithic D/A Converters
REV. E
AD566A AD-AD566A_15 Datasheet
182Kb / 12P
High Speed 12-Bit Monolithic D/A Converters
REV. E
AD568 AD-AD568_15 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com