Electronic Components Datasheet Search
  English  ▼

X  

AD570 Datasheet(PDF) 9 Page - Analog Devices

Part # AD570
Description  Complete 8-Bit A-to-D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD570 Datasheet(HTML) 9 Page - Analog Devices

  AD570 Datasheet HTML 1Page - Analog Devices AD570 Datasheet HTML 2Page - Analog Devices AD570 Datasheet HTML 3Page - Analog Devices AD570 Datasheet HTML 4Page - Analog Devices AD570 Datasheet HTML 5Page - Analog Devices AD570 Datasheet HTML 6Page - Analog Devices AD570 Datasheet HTML 7Page - Analog Devices AD570 Datasheet HTML 8Page - Analog Devices AD570 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AD570
–8–
Rev. B
OUTLINE DIMENSIONS
Figure 15. 18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
(D-18)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
5962-8680201VA
−55°C to +125°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
AD570JD
0°C to 70°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
AD570SD
−55°C to +125°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
AD570SD/883B
−55°C to +125°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
REVISION HISTORY
4/12—Rev. A to Rev. B
Changed V+ Operating Current Maximum Parameter from
10 mA to 15 mA ................................................................................2
Updated Outline Dimensions..........................................................8
Added Ordering Guide.....................................................................8
3/86—Rev. 0 to Rev. A
18
1
9
10
0.310 (7.87)
0.220 (5.59)
PIN 1
0.098 (2.49) MAX
0.005 (0.13) MIN
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.060 (1.52)
0.015 (0.38)
0.200 (5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.960 (24.38) MAX
0.100
(2.54)
BSC
0.150
(3.81)
MIN
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10741-0-4/12(B)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com