Electronic Components Datasheet Search
  English  ▼

X  

AD7228 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7228
Description  LC2MOS Octal 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7228 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7228 Datasheet HTML 8Page - Analog Devices AD7228 Datasheet HTML 9Page - Analog Devices AD7228 Datasheet HTML 10Page - Analog Devices AD7228 Datasheet HTML 11Page - Analog Devices AD7228 Datasheet HTML 12Page - Analog Devices AD7228 Datasheet HTML 13Page - Analog Devices AD7228 Datasheet HTML 14Page - Analog Devices AD7228 Datasheet HTML 15Page - Analog Devices AD7228 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Data Sheet
AD7228
Rev. D | Page 15 of 15
COMPLIANT TO JEDEC STANDARDS MS-013-AD
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
15.60 (0.6142)
15.20 (0.5984)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
24
13
12
1
1.27 (0.0500)
BSC
Figure 25. 24-Lead Standard Small Outline Package [SOIC_W]
Wide Body (RW-24)
Dimensions shown in millimeters and (inches)
COMPLIANT TO JEDEC STANDARDS MO-047-AB
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
4
5
26
25
11
12
19
18
TOP VIEW
(PINS DOWN)
SQ
0.456 (11.582)
0.450 (11.430)
0.050
(1.27)
BSC
0.048 (1.22)
0.042 (1.07)
0.048 (1.22)
0.042 (1.07)
0.495 (12.57)
0.485 (12.32)
SQ
0.021 (0.53)
0.013 (0.33)
0.430 (10.92)
0.390 (9.91)
0.032 (0.81)
0.026 (0.66)
0.120 (3.04)
0.090 (2.29)
0.056 (1.42)
0.042 (1.07)
0.020 (0.51)
MIN
0.180 (4.57)
0.165 (4.19)
BOTTOM
VIEW
(PINS UP)
0.045 (1.14)
0.025 (0.64)
R
PIN 1
IDENTIFIER
Figure 26. 28-Lead Plastic Leaded Chip Carrier [PLCC]
(P-28)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Maximum TUE (LSB)
Package Description
Package Option
AD7228BQ
−40°C to +85°C
±2
24-Lead CERDIP
Q-24-1
AD7228CQ
−40°C to +85°C
±1
24-Lead CERDIP
Q-24-1
AD7228KN
−40°C to +85°C
±2
24-Lead PDIP
N-24-1
AD7228KNZ
−40°C to +85°C
±2
24-Lead PDIP
N-24-1
AD7228KP
−40°C to +85°C
±2
28-Lead PLCC
P-28
AD7228KP-REEL
−40°C to +85°C
±2
28-Lead PLCC
P-28
AD7228KPZ
−40°C to +85°C
±2
28-Lead PLCC
P-28
AD7228KR
−40°C to +85°C
±2
24-Lead SOIC_W
RW-24
AD7228KRZ
−40°C to +85°C
±2
24-Lead SOIC_W
RW-24
AD7228LNZ
−40°C to +85°C
±1
24-Lead PDIP
N-24-1
AD7228LPZ
−40°C to +85°C
±1
28-Lead PLCC
P-28
1
Z = RoHS Compliant Part.
©1992–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13034-0-10/17(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com