Electronic Components Datasheet Search
  English  ▼

X  

AD660BN Datasheet(PDF) 4 Page - Analog Devices

Part # AD660BN
Description  Monolithic 16-Bit Serial/Byte DACPORT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660BN Datasheet(HTML) 4 Page - Analog Devices

  AD660BN Datasheet HTML 1Page - Analog Devices AD660BN Datasheet HTML 2Page - Analog Devices AD660BN Datasheet HTML 3Page - Analog Devices AD660BN Datasheet HTML 4Page - Analog Devices AD660BN Datasheet HTML 5Page - Analog Devices AD660BN Datasheet HTML 6Page - Analog Devices AD660BN Datasheet HTML 7Page - Analog Devices AD660BN Datasheet HTML 8Page - Analog Devices AD660BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD660
Rev. B | Page 3 of 20
SPECIFICATIONS
TA = 25°C, +VCC = 15 V, −VEE = −15 V, +VLL = 5 V unless otherwise noted.
Table 1.
Parameter
AD660AN/AR/SQ
AD660BN/BR
Unit
Min
Typ
Max
Min
Typ
Max
RESOLUTION
16
16
Bits
DIGITAL INPUTS (TMIN to TMAX)
VIH (Logic 1)
2.0
5.5
2.0
5.5
V
VIL (Logic 0)
0
0.8
0
0.8
V
IIH (VIH = 5.5 V)
−10
+10
−10
+10
μA
IIL (VIL = 0 V)
−10
+10
−10
+10
μA
TRANSFER FUNCTION CHARACTERISTICS1
Integral Nonlinearity
Bipolar Operation
−2
+2
−1
+1
LSB
TMIN to TMAX
−4
+4
−2
+2
LSB
Unipolar Operation
−2
+2
−1
+1.5
LSB
TMIN to TMAX
−4
+4
−2
+2
LSB
Differential Nonlinearity
−2
+2
−1
+1
LSB
TMIN to TMAX
−4
+4
−2
+2
LSB
Monotonicity Over Temperature
14
15
Bits
Gain Error2, 3
−0.1
+0.1
−0.1
+0.1
% of FSR
Gain Drift (TMIN to TMAX)
25
15
ppm/°C
DAC Gain Error4
−0.05
+0.05
−0.05
+0.05
% of FSR
DAC Gain Drift4
10
10
ppm/°C
Unipolar Offset
−2.5
+2.5
−2.5
+2.5
mV
Unipolar Offset Drift (TMIN to TMAX)
3
3
ppm/°C
Bipolar Zero Error
−7.5
+7.5
−7.5
+7.5
mV
Bipolar Zero Error Drift (TMIN to TMAX)
5
5
ppm/°C
REFERENCE INPUT
Input Resistance
7
10
13
7
10
13
kΩ
Bipolar Offset Input Resistance
7
10
13
7
10
13
kΩ
REFERENCE OUTPUT
Voltage
9.99
10.00
10.01
9.99
10.00
10.01
V
Drift
25
15
ppm/°C
External Current5
2
4
2
4
mA
Capacitive Load
1000
1000
pF
Short-Circuit Current
25
25
mA
OUTPUT CHARACTERISTICS
Output Voltage Range
Unipolar Configuration
0
+10
0
+10
V
Bipolar Configuration
−10
+10
−10
+10
V
Output Current
5
5
mA
Capacitive Load
1000
1000
pF
Short-Circuit Current
25
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com