Electronic Components Datasheet Search
  English  ▼

X  

AD7228KPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7228KPZ
Description  LC2MOS Octal 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7228KPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7228KPZ Datasheet HTML 8Page - Analog Devices AD7228KPZ Datasheet HTML 9Page - Analog Devices AD7228KPZ Datasheet HTML 10Page - Analog Devices AD7228KPZ Datasheet HTML 11Page - Analog Devices AD7228KPZ Datasheet HTML 12Page - Analog Devices AD7228KPZ Datasheet HTML 13Page - Analog Devices AD7228KPZ Datasheet HTML 14Page - Analog Devices AD7228KPZ Datasheet HTML 15Page - Analog Devices AD7228KPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD7228
Data Sheet
Rev. D | Page 12 of 15
Figure 17 shows typical plots of VREF vs. digital code, D1, for
three different values of G. With VIN = 2.5 V and G = 3, the
voltage at the output varies between 2.5 V and 10 V, giving an
effective 10-bit dynamic range to the other seven converters.
For correct operation of the circuit, it is recommended that
VSS is equal to −5 V and R1 be greater than 6.8 kΩ.
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0 16 32 48 64 80 96 112 128 144 160 176 192 208 224 240 255
VDD = +15V
VSS = –5V
R2 = 3.1Ω
DIGITAL CODE (Decimal Equivalent)
R2 = 2.1Ω
R2 = 1Ω
Figure 17. Variation of VREF with Feedback Configuration
5 V Single-Supply Operation
The AD7228 can be operated from a single 5 V power supply,
resulting in only slightly degraded accuracy performance from
the device. Figure 18 shows a typical plot of relative accuracy for
the device with VDD = 5 V and a reference voltage of 1.23 V. Diff-
erential nonlinearity is an important parameter that retains its
specified performance and remains monotonic over the output
voltage range.
The output transfer function sits on top of the amplifier offset
voltage; there is an initial offset voltage, and the voltage coming
from the output transfer function is added on top of this offset
voltage. Because the reference voltage is reduced, the offset
voltage equals a few LSBs. For devices with a true negative offset
(when VSS = −5 V), the transfer function does not move off the
bottom rail for the first few LSBs of code. After this, the transfer
function continues as normal. The relative accuracy plot of
Figure 18 is for a device with a true positive offset.
Maintain the required overhead voltage of 3.5 V between VDD
and the reference voltage, which limits the reference voltage
range. However, operating the device from a single 5 V supply
reduces the power dissipation considerably (typically to 50 mW).
The digital input threshold levels and digital input currents are
not affected by operating the device from the single 5 V supply.
1.0
0.5
0
–0.5
1.0
0
32
64
96
128
160
192
224
255
TA = 25°C
VDD = 5V
VSS = 0V
VREF = 1.23V
INPUT CODE
Figure 18. Relative Accuracy at VDD = 5 V
Microprocessor Interfacing
AD72283
8085A1/
Z80
A15
MREQ2
A8
ADDRESS
DECODE
ADDRESS BUS
DATA BUS
1FOR 8085A, DATA BUS NEEDS TO BE DEMULTIPLEXED.
2Z80 ONLY.
3ADDITIONAL PINS OMITTED FOR CLARITY.
A2
A1
A0
D0
D7
DB0
DB7
WR
EN
WR
Figure 19. AD7228 to 8085A/Z80 Interface
AD7228*
6809/
6502
A15
R/W
A0
ADDRESS
DECODE
ADDRESS BUS
DATA BUS
*ADDITIONAL PINS OMITTED FOR CLARITY.
A2
A1
A0
D0
D7
DB0
DB7
E OR (1)2
EN
WR
Figure 20. AD7228 to 6809/6502 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com