Electronic Components Datasheet Search
  English  ▼

X  

AD7545ACE Datasheet(PDF) 8 Page - Analog Devices

Part # AD7545ACE
Description  CMOS 12-Bit Buffered Multiplying DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7545ACE Datasheet(HTML) 8 Page - Analog Devices

  AD7545ACE Datasheet HTML 1Page - Analog Devices AD7545ACE Datasheet HTML 2Page - Analog Devices AD7545ACE Datasheet HTML 3Page - Analog Devices AD7545ACE Datasheet HTML 4Page - Analog Devices AD7545ACE Datasheet HTML 5Page - Analog Devices AD7545ACE Datasheet HTML 6Page - Analog Devices AD7545ACE Datasheet HTML 7Page - Analog Devices AD7545ACE Datasheet HTML 8Page - Analog Devices AD7545ACE Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AD7545A
–7–
REV. C
The circuits of Figures 4, 5 and 6 can all be converted to single
supply operation by biasing AGND to some voltage between
VDD and DGND. Figure 10 shows the 2s Complement Bipolar
circuit of Figure 5 modified to give a range from +2 V to +8 V
about a “pseudo-analog ground” of 5 V. This voltage range
would allow operation from a single VDD of +10 V to +15 V.
The AD584 pin-programmable reference fixes AGND at +5 V.
VIN is set at +2 V by means of the series resistors R1 and R2.
There is no need to buffer the VREF input to the AD7545A with
an amplifier because the input impedance of the D/A converter
is constant. Note, however, that since the temperature coefficient
of the D/A reference input resistance is typically –300 ppm/
°C,
applications which experience wide temperature variations may
require a buffer amplifier to generate the +2.0 V at the AD7545A
VREF pin. Other output voltage ranges can be obtained by changing
R4 to shift the zero point and (R1 + R2) to change the slope, or
gain of the D/A transfer function. VDD must be kept at least 5 V
above OUT1 to ensure that linearity is preserved.
Figure 10. Single Supply "Bipolar" 2s Complement D/A
Converter
MICROPROCESSOR INTERFACING OF THE AD7545A
The AD7545A can interface directly to both 8- and 16-bit
microprocessors via its 12-bit wide data latch using standard
CS
and
WR control signals.
A typical interface circuit for an 8-bit processor is shown in
Figure 11. This arrangement uses two memory addresses, one
for the lower 8 bits of data to the DAC and one for the upper 4
bits of data into the DAC via the latch.
Figure 11. 8-Bit Processor to AD7545 Interface
Figure 12 shows an alternative approach for use with 8-bit pro-
cessors which have a full 16-bit wide address bus such as 6800,
8080, Z80. This technique uses the 12 lower address lines of the
processor address bus to supply data to the DAC, thus each
AD7545A connected in this way uses 4k bytes of address loca-
tions. Data is written to the DAC using a single memory write
instruction. The address field of the instruction is organized so
that the lower 12 bits contain the data for the DAC and the
upper 4 bits contain the address of the 4k block at which the
DAC resides.
Figure 12. Connecting the AD7545A to 8-Bit Processors
via the Address Bus
SUPPLEMENTAL APPLICATION MATERIAL
For further information on CMOS multiplying D/A converters
the reader is referred to the following texts:
Reference 1
CMOS DAC Application Guide available from Analog Devices,
Publication Number G872a-15-4/86.
Reference 2
Gain Error and Gain Temperature Coefficient of CMOS
Multiplying DACs – Application Note, Publication Number
E630c–5–3/86.
Reference 3
Analog-Digital Conversion Handbook (Third Edition) available
from Prentice-Hall.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com