Electronic Components Datasheet Search
  English  ▼

X  

PEWCT1083 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1083
Description  WR-90 Waveguide 50 dB Crossguide Coupler, CPR-90G Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1083 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1083 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1083 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1083 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1083 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1083 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1083 is a 50 dB WR-90 four port crossguide coupler with one coupled port terminated (making it a three
port coupler) and a coax adapter on the opposite coupled port. This coupler can be mounted directly into the waveguide
signal path, connected via coax to allow signal sampling /monitoring. The coupler has a typical VSWR of 1.05:1 and are
made of bronze with brass CPR-90G flanges. The PEWCT1083 is part of a family of cross guide couplers offered by
Pasternack with coupling values ranging from 20 to 50 dB. There is also a full family of top wall (broad wall) couplers.
For the three port version of this coupler (terminated but no coax adapter) please see the PEWCT1027. For the four port
version of this coupler (no termination, no coax adapter) please see the PEWCP1062.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 50 dB Nominal Coupling Level
• N Female Coax Adapter
• 8.2 GHz to 12.4 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
Impedance
50
Ohms
Coupler
Nominal Coupling Level
50
dB
Directivity
10
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
Input Power (CW)
4
Watts
Waveguide to Coax Adapters
VSWR
1.25:1
.
Mechanical Specifications
.
Interface
Waveguide Size
WR-90
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 Waveguide 50 dB Crossguide Coupler, CPR-90G Flange, N Female Coupled Port,
8.2 GHz to 12.4 GHz, Bronze PEWCT1083
PEWCT1083 REV 1.0
WR-90 Waveguide 50 dB Crossguide Coupler, CPR-90G
Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1083


Similar Part No. - PEWCT1083

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1080 PASTERNACK-PEWCT1080 Datasheet
530Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler, CPR-90GFlange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1081 PASTERNACK-PEWCT1081 Datasheet
530Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler, CPR-90G Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1082 PASTERNACK-PEWCT1082 Datasheet
530Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, CPR-90G Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1084 PASTERNACK-PEWCT1084 Datasheet
532Kb / 5P
WR-112 Waveguide 20 dB Crossguide Coupler, UG-51/U Square Cover Flange, SMA Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
PEWCT1085 PASTERNACK-PEWCT1085 Datasheet
531Kb / 5P
WR-112 Waveguide 30 dB Crossguide Coupler, UG-51/U Square Cover Flange, SMA Female Coupled Port, 7.05 GHz to 10 GHz, Bronze
More results

Similar Description - PEWCT1083

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1072 PASTERNACK-PEWCT1072 Datasheet
533Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1073 PASTERNACK-PEWCT1073 Datasheet
534Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1074 PASTERNACK-PEWCT1074 Datasheet
534Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1075 PASTERNACK-PEWCT1075 Datasheet
534Kb / 5P
WR-90 Waveguide 50 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1081 PASTERNACK-PEWCT1081 Datasheet
530Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler, CPR-90G Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1082 PASTERNACK-PEWCT1082 Datasheet
530Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, CPR-90G Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCP1059 PASTERNACK-PEWCP1059 Datasheet
432Kb / 5P
WR-90 20 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1060 PASTERNACK-PEWCP1060 Datasheet
432Kb / 5P
WR-90 30 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1061 PASTERNACK-PEWCP1061 Datasheet
432Kb / 5P
WR-90 40 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
PEWCP1062 PASTERNACK-PEWCP1062 Datasheet
433Kb / 5P
WR-90 50 dB Waveguide Crossguide Coupler, CPR-90G Grooved Flange, 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com