Electronic Components Datasheet Search
  English  ▼

X  

PEWCT1104 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCT1104
Description  WR-137 Waveguide 20 dB Crossguide Coupler, CPR-137G Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCT1104 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCT1104 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCT1104 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCT1104 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCT1104 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCT1104 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The PEWCT1104 is a 20 dB WR-137 four port crossguide coupler with one coupled port terminated (making it a three
port coupler) and a coax adapter on the opposite coupled port. This coupler can be mounted directly into the waveguide
signal path, connected via coax to allow signal sampling /monitoring. The coupler has a typical VSWR of 1.05:1 and are
made of bronze with brass CPR-137G flanges. The PEWCT1104 is part of a family of cross guide couplers offered by
Pasternack with coupling values ranging from 20 to 50 dB. There is also a full family of top wall (broad wall) couplers.
For the three port version of this coupler (terminated but no coax adapter) please see the PEWCT1040. For the four port
version of this coupler (no termination, no coax adapter) please see the PEWCP1075.
Features
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 20 dB Nominal Coupling Level
• SMA Female Coax Adapter
• 5.85 GHz to 8.2 GHz Frequency Range
• Waveguide Body made of Bronze with Brass Flanges
• Low VSWR
Applications
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
5.85
8.2
GHz
Impedance
50
Ohms
Coupler
Nominal Coupling Level
20
dB
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
Input Power (CW)
6
Watts
Waveguide to Coax Adapters
VSWR
1.25:1
.
Mechanical Specifications
.
Interface
Waveguide Size
WR-137
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-137 Waveguide 20 dB Crossguide Coupler, CPR-137G Flange, SMA Female Coupled
Port, 5.85 GHz to 8.2 GHz, Bronze PEWCT1104
PEWCT1104 REV 1.0
WR-137 Waveguide 20 dB Crossguide Coupler, CPR-137G
Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
Waveguide Couplers Assemblies Technical Data
PEWCT1104


Similar Part No. - PEWCT1104

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1100 PASTERNACK-PEWCT1100 Datasheet
555Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1101 PASTERNACK-PEWCT1101 Datasheet
555Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1102 PASTERNACK-PEWCT1102 Datasheet
556Kb / 5P
WR-137 Waveguide 40 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1103 PASTERNACK-PEWCT1103 Datasheet
556Kb / 5P
WR-137 Waveguide 50 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1105 PASTERNACK-PEWCT1105 Datasheet
525Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler, CPR-137G Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
More results

Similar Description - PEWCT1104

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1072 PASTERNACK-PEWCT1072 Datasheet
533Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler, CPR-90G Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1100 PASTERNACK-PEWCT1100 Datasheet
555Kb / 5P
WR-137 Waveguide 20 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1102 PASTERNACK-PEWCT1102 Datasheet
556Kb / 5P
WR-137 Waveguide 40 dB Crossguide Coupler,UG-344/U Round Cover Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1105 PASTERNACK-PEWCT1105 Datasheet
525Kb / 5P
WR-137 Waveguide 30 dB Crossguide Coupler, CPR-137G Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCT1106 PASTERNACK-PEWCT1106 Datasheet
525Kb / 5P
WR-137 Waveguide 40 dB Crossguide Coupler, CPR-137G Flange, SMA Female Coupled Port, 5.85 GHz to 8.2 GHz, Bronze
PEWCP1033 PASTERNACK-PEWCP1033 Datasheet
446Kb / 5P
WR-137 20 dB Directional Waveguide Broadwall Coupler, CPR-137G Grooved Flange, E-Plane Coupled Port, 5.85 GHz to 8.2 GHz
PEWCP1075 PASTERNACK-PEWCP1075 Datasheet
431Kb / 5P
WR-137 20 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
PEWCP1076 PASTERNACK-PEWCP1076 Datasheet
431Kb / 5P
WR-137 30 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
PEWCP1077 PASTERNACK-PEWCP1077 Datasheet
431Kb / 5P
WR-137 40 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
PEWCP1078 PASTERNACK-PEWCP1078 Datasheet
431Kb / 5P
WR-137 50 dB Waveguide Crossguide Coupler, CPR-137G Grooved Flange, 5.85 GHz to 8.2 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com