Electronic Components Datasheet Search
  English  ▼

X  

382002 Datasheet(PDF) 3 Page - Lumberg

Part # 382002
Description  Multimodul connectors, pitch 2.5 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

382002 Datasheet(HTML) 3 Page - Lumberg

  382002 Datasheet HTML 1Page - Lumberg 382002 Datasheet HTML 2Page - Lumberg 382002 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
38 3820
01/2018
3
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
Dimensions
A (mm)
B (mm)
C (mm)
D (mm)
3820 02
2
7500
15000
2.5
7.5
1.3
1.20
3820 03
3
6000
12000
5.0
10.0
1.3
3.15
3820 04
4
4500
9000
7.5
12.5
0.8
5.00
3820 05
5
3750
7500
10.0
15.0
0.8
5.00
3820 06
6
3000
6000
12.5
17.5
0.8
5.00
3820 07
7
3000
6000
15.0
20.0
0.8
5.00
3820 08
8
2250
6750
17.5
22.5
0.8
5.00
3820 09
9
2250
6750
20.0
25.0
0.8
5.00
3820 10
10
2250
6750
22.5
27.5
0.8
5.00
3820 11
11
1500
6000
25.0
30.0
0.8
5.00
3820 12
12
1500
6000
27.5
32.5
0.8
5.00
3820 13
13
1500
6000
30.0
35.0
0.8
5.00
3820 14
14
1500
6000
32.5
37.5
0.8
5.00
3820 15
15
1500
6000
35.0
40.0
0.8
5.00
3820 16
16
750
5250
37.5
42.5
0.8
5.00
3820 17
17
750
5250
40.0
45.0
0.8
5.00
3820 18
18
750
5250
42.5
47.5
0.8
5.00
3820 19
19
750
5250
45.0
50.0
0.8
5.00
3820 20
20
750
5250
47.5
52.5
0.8
5.00
Designation to be completed by further details (e.g. for keying, color or material options).
Packaging:
on a holding straß, in a foil bag strap, in a cardboard box
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com