Electronic Components Datasheet Search
  English  ▼

X  

PF10048 Datasheet(PDF) 1 Page - Powertip Technology

Part # PF10048
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PF10048 Datasheet(HTML) 1 Page - Powertip Technology

  PF10048 Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PF10048-A
…….
OUTLINE DIMENSION & BLOCK DIAGRAM
REMARK
LCD option: STN, FSTN
Backlight Option: under request.
MECHNICAL SPECIFICATION
Overall Size
38.0 x 52.6 mm
Module
H2 / H1
View Area
34.4 x 20.1 mm
W/O B/L
- / 2.0
Dot Size
0.294 x 0.337 mm
EL B/L
- / -
Dot Pitch
0.314 x 0.357 mm
LED B/L
- / -
PIN ASSIGNMENT
Pin No.
Symbol
Function
1
CS1
Chip select
2
RES
Reset
3
AO
Display/control data select
4
R/W(WR) Read/write command select
5
E(/RD)
Read enable
6~11
DB0~DB5 Data input
12
DB6(SCL) Data/serial clock input
13
DB7(SI)
Data/serial data input
14
VDD
Logic power supply
15
VSS(GND) Ground
16
C86
MPU 8080/6800 interface select
17
P/S
Parallel/serial data read/write select
18
/HPM
Normal/high power mode select
ABSOLUTE MAXIMUM RATING
Item
Symbol
Condition
Min.
Max. Units
Supply for logic voltage
VDD-VSS
25°C
-0.3
7.0
V
LCD driving supply voltage
VDD-VEE
25°C
-0.3
18.0
V
Input Voltage
VIN
25°C
-0.3
Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item
Symbol Condition
Min.
Typical
Max. Units
Power supply voltage
VDD-VSS
25°C
2.7
3.0
5.5
V
TOP
N W N W N W
V
-20°C
-
-
-
-
-
-
V
0°C
-
-
-
-
-
-
V
25°C
-
8.6
-
9.1
-
9.2
V
50°C
-
-
-
-
-
-
V
LCD operation voltage
VOP
70°C
-
-
-
-
-
-
V
IDD
VDD=5V
-
0.3
0.6
mA
LCM current consumption (No B/L)
-
-
-
-
-
mA
Backlight current consumption
-
-
-
-
--
mA


Similar Part No. - PF10048

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PF100 EDI-PF100 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Hammond Manufacturing L...
PF1000 HAMMOND-PF1000 Datasheet
50Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PF10000 HAMMOND-PF10000 Datasheet
209Kb / 3P
17-38 CFM Filterfans
PF1000230 HAMMOND-PF1000230 Datasheet
50Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
DENSEI-LAMBDA
PF1000A LAMBDA-PF1000A Datasheet
121Kb / 2P
PFHC module 500W, 1000W
More results

Similar Description - PF10048

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602D POWERTIP-PC1602D Datasheet
53Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com