Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 211 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 211 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 207Page - Microchip Technology PIC16F767 Datasheet HTML 208Page - Microchip Technology PIC16F767 Datasheet HTML 209Page - Microchip Technology PIC16F767 Datasheet HTML 210Page - Microchip Technology PIC16F767 Datasheet HTML 211Page - Microchip Technology PIC16F767 Datasheet HTML 212Page - Microchip Technology PIC16F767 Datasheet HTML 213Page - Microchip Technology PIC16F767 Datasheet HTML 214Page - Microchip Technology PIC16F767 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 276 page
background image
 2004 Microchip Technology Inc.
DS30498C-page 209
PIC16F7X7
18.1
DC Characteristics: PIC16F737/747/767/777 (Industrial, Extended)
PIC16LF737/747/767/777 (Industrial)
PIC16LF737/747/767/777
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC16F737/747/767/777
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VDD
Supply Voltage
D001
PIC16LF7X7
2.5
2.2
2.0
—
—
—
5.5
5.5
5.5
V
V
V
A/D in use, -40°C to +85°C
A/D in use, 0°C to +85°C
A/D not used, -40°C to +85°C
D001
D001A
PIC16F7X7
4.0
VBOR*
—
—
5.5
5.5
V
V
All configurations
BOR enabled (Note 6)
D002*
VDR
RAM Data Retention
Voltage (Note 1)
—1.5
—
V
D003
VPOR
VDD Start Voltage to
ensure internal Power-on Reset
signal
—VSS
—
V
See section on Power-on Reset for details
D004*
SVDD
VDD Rise Rate to ensure
internal Power-on Reset signal
0.05
—
—
V/ms
See section on Power-on Reset for details
VBOR
Brown-out Reset Voltage
PIC16LF7X7
D005
BORV1:BORV0 = 11
1.96
2.06
2.16
V
85
°C ≥ T ≥ 25°C
BORV1:BORV0 = 10
2.64
2.78
2.92
V
BORV1:BORV0 = 01
4.11
4.33
4.55
V
BORV1:BORV0 = 00
4.41
4.64
4.87
V
D005
PIC16F7X7 Industrial
BORV1:BORV0 = 1x
N.A.
—
N.A.
V
Not in operating voltage range of device
BORV1:BORV0 = 01
4.16
—
4.5
V
BORV1:BORV0 = 00
4.45
—
4.83
V
D005
PIC16F7X7 Extended
BORV1:BORV0 = 1x
N.A.
—
N.A.
V
Not in operating voltage range of device
BORV1:BORV0 = 01
4.07
—
4.59
V
BORV1:BORV0 = 00
4.36
—
4.92
V
Legend:
Shading of rows is to assist in readability of of the table.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note
1:
This is the limit to which VDD can be lowered without losing RAM data.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading and
switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from-rail to-rail; all I/O pins tri-stated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with the
part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD and VSS.
4:
For RC oscillator configuration, current through REXT is not included. The current through the resistor can be estimated
by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.
5:
The
∆ current is the additional current consumed when this peripheral is enabled. This current should be added to the
base IDD or IPD measurement.
6:
When BOR is enabled, the device will operate correctly until the VBOR voltage trip point is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com