Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 38Page - Microchip Technology PIC16F767 Datasheet HTML 39Page - Microchip Technology PIC16F767 Datasheet HTML 40Page - Microchip Technology PIC16F767 Datasheet HTML 41Page - Microchip Technology PIC16F767 Datasheet HTML 42Page - Microchip Technology PIC16F767 Datasheet HTML 43Page - Microchip Technology PIC16F767 Datasheet HTML 44Page - Microchip Technology PIC16F767 Datasheet HTML 45Page - Microchip Technology PIC16F767 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 276 page
background image
PIC16F7X7
DS30498C-page 40
 2004 Microchip Technology Inc.
4.6.5
CLOCK TRANSITION SEQUENCE
The following are three different sequences for
switching the internal RC oscillator frequency:
• Clock before switch: 31.25 kHz
(IRCF<2:0> = 000)
1. IRCF bits are modified to an INTOSC/INTOSC
postscaler frequency.
2. The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3. The clock switching circuitry then waits for eight
falling edges of requested clock, after which it
switches CLKO to this new clock source.
4. The IOFS bit is clear to indicate that the clock is
unstable and a 4 ms (approx.) delay is started.
Time dependent code should wait for IOFS to
become set.
5. Switchover is complete.
• Clock before switch: One of INTOSC/INTOSC
postscaler (IRCF<2:0>
≠ 000)
1. IRCF
bits
are
modified
to
INTRC
(IRCF<2:0> = 000).
2. The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3. The clock switching circuitry then waits for eight
falling edges of requested clock, after which it
switches CLKO to this new clock source.
4. Oscillator switchover is complete.
• Clock before switch: One of INTOSC/INTOSC
postscaler (IRCF<2:0>
≠ 000)
1. IRCF bits are modified to a different INTOSC/
INTOSC postscaler frequency.
2. The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3. The clock switching circuitry then waits for
eight falling edges of requested clock, after
which it switches CLKO to this new clock
source.
4. The IOFS bit is set.
5. Oscillator switchover is complete.
4.6.6
OSCILLATOR DELAY UPON
POWER-UP, WAKE-UP AND CLOCK
SWITCHING
Table 4-3 shows the different delays invoked for
various clock switching sequences. It also shows the
delays invoked for POR and wake-up.
TABLE 4-3:
OSCILLATOR DELAY EXAMPLES
Clock Switch
Frequency
Oscillator Delay
Comments
From
To
Sleep/POR
INTRC
T1OSC
31.25 kHz
32.768 kHz
CPU Start-up(1)
Following a wake-up from Sleep mode
or POR, CPU start-up is invoked to
allow the CPU to become ready for
code execution.
INTOSC/INTOSC
Postscaler
125 kHz-8 MHz
4 ms (approx.) and
CPU Start-up(1)
INTRC/
Sleep
EC, RC
DC – 20 MHz
INTRC
(31.25 kHz)
EC, RC
DC – 20 MHz
Sleep
LP, XT, HS
32.768 kHz-20 MHz
1024 Clock Cycles
Following a change from INTRC, the
OST count of 1024 cycles must occur.
INTRC
(31.25 kHz)
INTOSC/INTOSC
Postscaler
125 kHz-8 MHz
4 ms (approx.)
Refer to Section 4.6.4 “Modifying the
IRCF Bits” for further details.
Note 1:
The 5
µs-10 µs start-up delay is based on a 1 MHz system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com