Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 134Page - Microchip Technology PIC16F767 Datasheet HTML 135Page - Microchip Technology PIC16F767 Datasheet HTML 136Page - Microchip Technology PIC16F767 Datasheet HTML 137Page - Microchip Technology PIC16F767 Datasheet HTML 138Page - Microchip Technology PIC16F767 Datasheet HTML 139Page - Microchip Technology PIC16F767 Datasheet HTML 140Page - Microchip Technology PIC16F767 Datasheet HTML 141Page - Microchip Technology PIC16F767 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 276 page
background image
PIC16F7X7
DS30498C-page 136
 2004 Microchip Technology Inc.
TABLE 11-3:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 0)
Baud
Rate
(K)
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 10 MHz
Kbaud
%
Error
SPBRG
Value
(decimal)
Kbaud
%
Error
SPBRG
Value
(decimal)
Kbaud
%
Error
SPBRG
Value
(decimal)
0.3
—
——
—
—
—
—
——
1.2
1.221
1.75
255
1.202
0.17
207
1.202
0.17
129
2.4
2.404
0.17
129
2.404
0.17
103
2.404
0.17
64
9.6
9.766
1.73
31
9.615
0.16
25
9.766
1.73
15
19.2
19.531
1.72
15
19.231
0.16
12
19.531
1.72
7
28.8
31.250
8.51
9
27.778
3.55
8
31.250
8.51
4
33.6
34.722
3.34
8
35.714
6.29
6
31.250
6.99
4
57.6
62.500
8.51
4
62.500
8.51
3
52.083
9.58
2
HIGH
1.221
—
255
0.977
—
255
0.610
—
255
LOW
312.500
—
0
250.000
—
0
156.250
—
0
Baud
Rate
(K)
FOSC = 4 MHz
FOSC = 3.6864 MHz
Kbaud
%
Error
SPBRG
Value
(decimal)
Kbaud
%
Error
SPBRG
Value
(decimal)
0.3
0.300
0
207
0.3
0
191
1.2
1.202
0.17
51
1.2
0
47
2.4
2.404
0.17
25
2.4
0
23
9.6
8.929
6.99
6
9.6
0
5
19.2
20.833
8.51
2
19.2
0
2
28.8
31.250
8.51
1
28.8
0
1
33.6
—
—
—
—
—
—
57.6
62.500
8.51
0
57.6
0
0
HIGH
0.244
—
255
0.225
—
255
LOW
62.500
—
0
57.6
—
0
TABLE 11-4:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 1)
Baud
Rate
(K)
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 10 MHz
Kbaud
%
Error
SPBRG
Value
(decimal)
Kbaud
%
Error
SPBRG
Value
(decimal)
Kbaud
%
Error
SPBRG
Value
(decimal)
0.3
—
——
—
—
——
—
—
1.2
—
——
—
—
——
—
—
2.4
—
—
—
—
—
—
2.441
1.71
255
9.6
9.615
0.16
129
9.615
0.16
103
9.615
0.16
64
19.2
19.231
0.16
64
19.231
0.16
51
19.531
1.72
31
28.8
29.070
0.94
42
29.412
2.13
33
28.409
1.36
21
33.6
33.784
0.55
36
33.333
0.79
29
32.895
2.10
18
57.6
59.524
3.34
20
58.824
2.13
16
56.818
1.36
10
HIGH
4.883
—
255
3.906
—
255
2.441
—
255
LOW
1250.000
—
0
1000.000
—
0
625.000
—
0
Baud
Rate
(K)
FOSC = 4 MHz
FOSC = 3.6864 MHz
Kbaud
%
Error
SPBRG
Value
(decimal)
Kbaud
%
Error
SPBRG
Value
(decimal)
0.3
—
—
—
—
—
—
1.2
1.202
0.17
207
1.2
0
191
2.4
2.404
0.17
103
2.4
0
95
9.6
9.615
0.16
25
9.6
0
23
19.2
19.231
0.16
12
19.2
0
11
28.8
27.798
3.55
8
28.8
0
7
33.6
35.714
6.29
6
32.9
2.04
6
57.6
62.500
8.51
3
57.6
0
3
HIGH
0.977
—
255
0.9
—
255
LOW
250.000
—
0
230.4
—
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com