| Electronic Components Datasheet Search |
|
PIC16F767 Datasheet(PDF) 164 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F767 Datasheet(HTML) 164 Page - Microchip Technology |
|
164 / 276 page ![]() PIC16F7X7 DS30498C-page 162 2004 Microchip Technology Inc. 13.1 Comparator Configuration There are eight modes of operation for the compara- tors. The CMCON register is used to select these modes. Figure 13-1 shows the eight possible modes. The TRISA register controls the data direction of the comparator pins for each mode. If the Comparator mode is changed, the comparator output level may not be valid for the specified mode change delay shown in the electrical specifications (Section 18.0 “Electrical Characteristics”). FIGURE 13-1: COMPARATOR I/O OPERATING MODES Note: Comparator interrupts should be disabled during a Comparator mode change. Otherwise, a false interrupt may occur. C1 RA0/AN0 VIN- VIN+ RA3/AN3/ Off (Read as ‘0’) Comparators Reset A A CM2:CM0 = 000 C2 RA1/AN1 VIN- VIN+ RA2/AN2/ Off (Read as ‘0’) A A C1 RA0/AN0 VIN- VIN+ C1OUT Two Independent Comparators A A CM2:CM0 = 010 C2 RA1/AN1 VIN- VIN+ C2OUT A A C1 RA0/AN0 VIN- VIN+ C1OUT Two Common Reference Comparators A A CM2:CM0 = 100 C2 RA1/AN1 VIN- VIN+ C2OUT A D C2 RA1/AN1 VIN- VIN+ Off (Read as ‘0’) One Independent Comparator with Output D D CM2:CM0 = 001 C1 RA0/AN0 VIN- VIN+ C1OUT A A C1 RA0/AN0 VIN- VIN+ Off (Read as ‘0’) Comparators Off (POR Default Mode) D D CM2:CM0 = 111 C2 RA1/AN1 VIN- VIN+ Off (Read as ‘0’) D D C1 RA0/AN0 VIN- VIN+ C1OUT Four Inputs Multiplexed to Two Comparators A A CM2:CM0 = 110 C2 RA1/AN1 VIN- VIN+ C2OUT A A From Comparator CIS = 0 CIS = 1 CIS = 0 CIS = 1 C1 RA0/AN0 VIN- VIN+ C1OUT Two Common Reference Comparators with Outputs A A CM2:CM0 = 101 C2 RA1/AN1 VIN- VIN+ C2OUT A D A = Analog Input, port reads zeros always D = Digital Input CIS (CMCON<3>) is the Comparator Input Switch CVREF C1 RA0/AN0 VIN- VIN+ C1OUT Two Independent Comparators with Outputs A A CM2:CM0 = 011 C2 RA1/AN1 VIN- VIN+ C2OUT A A RA4/T0CKI/C1OUT RA5/AN4/LVDIN/SS/C2OUT RA4/T0CKI/C1OUT RA5/AN4/LVDIN/SS/C2OUT RA4/T0CKI/C1OUT VREF Module VREF+ VREF-/CVREF RA3/AN3/ VREF+ RA3/AN3/ VREF+ RA3/AN3/ VREF+ RA3/AN3/ VREF+ RA3/AN3/ VREF+ RA3/AN3/ VREF+ RA3/AN3/ VREF+ RA2/AN2/ VREF-/CVREF RA2/AN2/ VREF-/CVREF RA2/AN2/ VREF-/CVREF RA2/AN2/ VREF-/CVREF RA2/AN2/ VREF-/CVREF RA2/AN2/ VREF-/CVREF RA2/AN2/ VREF-/CVREF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |