Electronic Components Datasheet Search
  English  ▼

X  

PMF280UN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMF280UN
Description  N-channel UTrenchMOS ultra low level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMF280UN Datasheet(HTML) 1 Page - NXP Semiconductors

  PMF280UN Datasheet HTML 1Page - NXP Semiconductors PMF280UN Datasheet HTML 2Page - NXP Semiconductors PMF280UN Datasheet HTML 3Page - NXP Semiconductors PMF280UN Datasheet HTML 4Page - NXP Semiconductors PMF280UN Datasheet HTML 5Page - NXP Semiconductors PMF280UN Datasheet HTML 6Page - NXP Semiconductors PMF280UN Datasheet HTML 7Page - NXP Semiconductors PMF280UN Datasheet HTML 8Page - NXP Semiconductors PMF280UN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PMF280UN
N-channel
µTrenchMOS™ ultra low level FET
Rev. 01 — 27 February 2004
Product data
M3D102
1.
Product profile
1.1 Description
N-channel enhancement mode field-effect transistor in a plastic package using
TrenchMOS™ technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
s Surface mounted package
s Footprint 40% smaller than SOT23
s Low on-state resistance
s Low threshold voltage.
s Driver circuits
s Switching in portable appliances.
s VDS ≤ 20 V
s ID ≤ 1.02 A
s Ptot ≤ 0.56 W
s RDSon ≤ 340 mΩ.
Table 1:
Pinning - SOT323 (SC-70), simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT323 (SC-70)
2
source (s)
3
drain (d)
3
12
MBC870
Top view
s
d
g
MBB076


Similar Part No. - PMF280UN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMF280UN NEXPERIA-PMF280UN Datasheet
208Kb / 13P
N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 27 February 2004
More results

Similar Description - PMF280UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMN23UN PHILIPS-PMN23UN Datasheet
89Kb / 12P
UTrenchMOS ultra low level FET
Rev. 01-16 June 2004
PMV30UN PHILIPS-PMV30UN Datasheet
238Kb / 12P
UTrenchMOS ultra low level FET
Rev. 01-25 June 2003
PMWD20XN PHILIPS-PMWD20XN Datasheet
93Kb / 12P
Dual N-channel UTrenchMOS extremely low level FET
Rev. 02-26 April 2005
PMWD16UN PHILIPS-PMWD16UN Datasheet
94Kb / 12P
Dual N-channel uTrenchMOS ultra low level FET
Rev. 02-24 March 2005
PMWD30UN PHILIPS-PMWD30UN Datasheet
242Kb / 12P
Dual uTrenchMOS ultra low level FET
Rev. 01-22 January 2003
PMF780SN PHILIPS-PMF780SN Datasheet
90Kb / 12P
N-channel uTrenchMOS standard level FET
Rev. 01-10 February 2004
PMWD22XN PHILIPS-PMWD22XN Datasheet
84Kb / 12P
Dual N-channel uTrenchMOS extremely low level FET
Rev. 01-15 August 2005
PMWD19UN PHILIPS-PMWD19UN Datasheet
224Kb / 12P
DUAL uTRENCHMOS ULTRA LOW LEVEL FET
Rev. 01-20 December 2002
PMWD26UN PHILIPS-PMWD26UN Datasheet
87Kb / 12P
Dual N-channel uTrenchMOS ultra low level FET
Rev. 02-19 May 2005
PMR780SN PHILIPS-PMR780SN Datasheet
90Kb / 12P
N-channel UTrenchMOS standard level FET
Rev. 01-5 March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com