Electronic Components Datasheet Search
  English  ▼

X  

ML12149 Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML12149
Description  Low Power Voltage Controlled Oscillator Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12149 Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12149 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12149 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.lansdale.com
Page 1 of 12
ML12149
Low Power Voltage
Controlled Oscillator Buffer
Legacy Device: Motorola MC12149
The ML12149 is intended for applications requiring high fre-
quency signal generation up to 1300 MHz. An external tank circuit
is used to determine the desired frequency of operation. The VCO
is realized using an emmiter–coupled pair topology. The ML12149
can be used with an emitter PLL IC such as the Motorola
ML12210 1.1 GHz Frequency Synthesizer to realize a complete
PLL sub–system. The device is specified to operate over a voltage
supply range of 2.7 to 5.5 V. It has a typical current consumption
of 15 mA at 3.0 V which makes it attractive for battery operated
handheld systems.
NOTE: The ML12149 is NOT suitable as a crystal oscillator
• Operated Up to 1.3 GHz
• Space–Efficient 8–Pin SOIC Package
• Low Power 15 mA Typical @ 3.0 V Operation
• Supply Voltage of 2.7 to 5.5 V
• Typical 900 MHz Performance
–Phase Noise – 105 dBc/Hz @ 100 Khz Offset
–Tuning Voltage Sensitivity of 20 MHz/V
• Output Amplitude Adjustment Capability
• Two High Drive Output with an Adjustable Range from
–8.0 to –2.0 dBm
• One Low–Drive Output for Interfacing to a Prescaler
• Operating Temperature Range TA = –40 to 85°C
The device has three high frequency outputs which make it
attractive for transceiver applications which require both a transmit
and receive local oscillator (LO) signal as well as a lower ampli-
tude signal to drive the prescaler input of the frequency synthesiz-
er. The outputs Q and QB are available for servicing the receiver
IF and transmitter up–converter single–ended. In receiver applica-
tions, the outputs can be used together if it is necessary to generate
a differential signal for the receiver IF. Because the Q and QB out-
puts are open collector, terminations to the VCC supply are
required for proper operation. Since the outputs are complementa-
ry, both outputs must be terminated even if only one is needed.
The Q and QB outputs have a nominal drive level of –8dBm to
conserve power. A level adjustment pin (CNTL) is available, which
when tied to ground, boosts the nominal output levels to –2.0
dBm. A low power VCO output (Q2) is also provided to drive the
prescaler input of the PLL. The amplitude of this signal is nomi-
nally 500 mV which is suitable for most prescalers.
External components required for the ML12149 are: (1) tank cir-
cuit (LC network); (2) Inductor/capacitor to provide the termina-
tion for the open collector outputs; and (3) adequate supply voltage
bypassing. The tank circuit consists of a high–Q inductor and var-
actor components. The preferred tank configuration allows the user
to tune the VCO across the full supply range. VCO performance
such as center frequency, tuning voltage sensitivity, and noise char-
acteristics are dependent on the particular components and config-
uration of the VCO tank circuit.
SO 8 = -5P
PLASTIC PACKAGE
CASE 751
(SO–8)
1
8
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
SO 8
MC12149D
ML12149-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
8
1
Q2
VCC
7
2
Q
CNTL
6
3
GND
TANK
5
4
QB
VREF
(Top View)
PIN CONNECTIONS
Issue B


Similar Part No. - ML12149

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
Low Power Voltage Controlled Oscillator Buffer
ML12149-5P LANSDALE-ML12149-5P Datasheet
1Mb / 12P
Low Power Voltage Controlled Oscillator Buffer
More results

Similar Description - ML12149

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12148 MOTOROLA-MC12148 Datasheet
82Kb / 5P
LOW POWER VOLTAGE CONTROLLED OSCILLATOR
MC12149 MOTOROLA-MC12149 Datasheet
169Kb / 12P
LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Freescale Semiconductor...
MC12149 FREESCALE-MC12149 Datasheet
362Kb / 12P
LOW POWER VOLTAGE CONTROLLED OSCILLATOR BUFFER
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
LANSDALE Semiconductor ...
ML12149 LANSDALE-ML12149 Datasheet
1Mb / 12P
Low Power Voltage Controlled Oscillator Buffer
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
Motorola, Inc
MC12147 MOTOROLA-MC12147 Datasheet
391Kb / 12P
Low Power Voltage Controlled Oscillator Buffer
logo
Z-Communications, Inc
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com