Electronic Components Datasheet Search
  English  ▼

X  

ML12052 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML12052
Description  1.1 GHz Super Low Power Dual Modulus Prescaler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12052 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML12052 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12052 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12052 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12052 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12052 Datasheet HTML 5Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.lansdale.com
Page 2 of 5
Issue A
LANSDALE Semiconductor, Inc.
ML12052
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 VDC, TA = –40 to 85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave Input)
ft
0.1
1.4
1.1
GHz
Supply Current (Pin 2)
ICC
–
1.0
2.0
mA
Modulus Control Input High (MC)
VIH1
2.0
–
VCC + 0.5 V
V
Modulus Control Input Low (MC)
VIL1
Gnd
–
0.8
V
Divide Ratio Control Input High (SW)
VIH2
VCC – 0.5 V
VCC
VCC + 0.5 V
VDC
Divide Ratio Control Input Low (SW)
VIL2
Open
Open
Open
–
Output Voltage Swing (Note 2)
(CL = 8.0 pF, RL = 3.3 kΩ)
Vout
0.8
1.1
–
VPP
Modulus Setup Time MC to Out @ 1100 MHz
tset
–
11
16
ns
Input Voltage Sensitivity 250–1100 MHz
100–250 MHz
Vin
100
400
–
–
1000
1000
mVPP
Output Current (Note 1)
VCC = 2.7 V, CL = 8.0 pF, RL = 3.3 kΩ
VCC = 5.0 V, CL = 8.0 pF, RL = 7.2 kΩ
IO
–
–
0.5
0.5
3.0
3.0
mA
NOTES: 1. Divide ratio of ÷64/65 @ 1.1 GHz
2. Valid over voltage range 2.7 to 5.5 V; RL = 3.3 kΩ @ VCC = 2.7 V; RL = 7.2 kΩ @ VCC = 5.0 V
Figure 1. Logic Diagram (ML12052)
A
H
G
F
E
D
In
MC
In
SW
Out
Q
S
Q
C
QB
D
Q
C
QB
D
QB
C
Q
D
C
QB
D
QB
C
Q
D
QB
C
Q
D
B
QB
C
Q
D
C
QB
C
Q
D
M
Figure 2. Modulus Setup Time
Modulus setup time MC to out is the MC
setup or MC release plus the prop delay.
Prop. Delay
In
Out
MC
MC Setup
MC Release
Figure 3. AC Test Circuit
EXTERNAL COMPONENTS
C1 = C2 = 1000 pF
C3 = 0.1 µF
CL = 8.0pF (Including Scope
and jig capacitance)
RL = 3.3 kΩ @ VCC = 2.7 V
RL = 7.2 kΩ @ VCC = 5.0 V
CL
MC Input
C2
C1
C3
VCC = 2.7 to 5.5 V
50 Ω
Sine Wave Generator
SW
VCC
OUT
GND
MC
IN
IN
RL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com