Electronic Components Datasheet Search
  English  ▼

X  

ML12015 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML12015
Description  Dual Modulus Prescaler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12015 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML12015 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12015 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12015 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12015 Datasheet HTML 4Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LANSDALE Semiconductor, Inc.
ML12015, ML12016, ML12017
www.lansdale.com
Page 2 of 4
Issue A
Symbol
Rating
MAXIMUM RATINGS
Value
Unit
Regulated Voltage, Pin 7
Vreg
8.0
Vdc
Power Supply Voltage, Pin 8
VCC
10
Vdc
Operating Temperature Range
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–65 to +175
°C
ELECTRICAL CHARACTERISTICS (VCC = 5.5 to 9.5 V; Vreg = 4.5 to 5.5 V; TA = –40 to 85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave Input)
fmax
225
–
–
MHz
fmin
–
–
35
Supply Current
ICC
–
6.0
7.8
mA
Control Input HIGH (÷32, 40 or 64)
VIH
2.0
–
–
V
Control Input LOW (÷33, 41 or 65)
VIL
–
–
0.8
V
Output Voltage HIGH (Isource = 50µA) [Nofe 1]
VOH
2.5
–
–
V
Output Voltage LOW (Isink = 2mA) [Note 1]
VOL
–
–
0.5
V
Input Voltage Sensitivity
Vin
mVpp
35 MHz
400
–
800
50 to 225 MHz
200
–
800
PLL Response Time [Notes 2 and 3]
tPLL
–
–
tout to 70
ns
NOTES: 1.
Pin 2 connected to Pin 3.
2.
tPLL = the period of time the PLL has from the prescaler rising output tranistion (50%) to the modulus control input edge transition
(50%) to ensure proper modulus selection.
3.
tout = period of output waveform.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com