Electronic Components Datasheet Search
  English  ▼

X  

ML12002 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML12002
Description  Analog Mixer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12002 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML12002 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12002 Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LANSDALE Semiconductor, Inc.
ML12002
www.lansdale.com
Page 2 of 9
Issue A
TEST VOLTAGE VALUES
Volts
VIHmax
VILmin VCC
ELECTRICAL CHARACTERISTICS
+2.9
+2.0
+5.0
Test Limits
VOLTAGE APPLIED TO PINS
LISTED BELOW
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min Max
Min
Max
Min
Max
Unit
VIHmax
VILmin VCC
Gnd
Power Supply Drain
ICC
14
—
—
—
16
—
—
mAdc
—
—
11,12,14 5,6,7
Input Current
IinH
2
3
8
9
—
—
—
—
—
—
—
—
—
—
—
—
0.75
0.75
0.75
0.75
—
—
—
—
—
—
—
—
mAdc
mAdc
mAdc
mAdc
2
3
8
9
—
—
—
—
11,12,14
11,12,14
11,12,14
11,12,14
5,6,7
5,6,7
5,6,7
5,6,7
IinL
2
3
8
9
—
—
—
—
—
—
—
—
– 0.7
– 0.7
– 0.7
– 0.7
—
—
—
—
—
—
—
—
—
—
—
—
mAdc
mAdc
mAdc
mAdc
—
—
—
—
2
3
8
9
11,12,14
11,12,14
11,12,14
11,12,14
5,6,7
5,6,7
5,6,7
5,6,7
Output Current
IO1
11
12
—
—
—
—
0.7
0.7
1.3
1.3
—
—
—
—
mAdc
mAdc
—
—
—
—
11,12,14
11,12,14
7
7
IO2
11
12
—
—
—
—
2.1
2.1
3.9
3.9
—
—
—
—
mAdc
mAdc
—
—
—
—
11,12,14
11,12,14
5,6,7
5,6,7
Iout
11
11
12
12
—
—
—
—
—
—
—
—
4.2
4.2
4.2
4.2
7.8
7.8
7.8
7.8
—
—
—
—
—
mAdc
mAdc
mAdc
mAdc
2,9
3,8
2,8
3,9
—
—
—
—
11,12,14
11,12,14
11,12,14
11,12,14
5,6,7
5,6,7
5,6,7
5,6,7
Differential Current
∆IO1
∆IO2
11,12
11,12
–100
–200
+100
+200
–100
–200
+100
+200
–100
–200
+100
+200
µAdc
µAdc
—
—
—
—
11,12,14
11,12,14
7
5,6,7
Bias Voltage
VBias
1
4
5
6
10
2.33
390
275
275
1.26
2.53
590
415
415
1.46
2.32
400
285
285
1.185
2.52
600
425
425
1.385
2.3
410
295
295
1.105
2.5
610
435
435
1.305
Vdc
mVdc
mVdc
mVdc
Vdc
—
—
—
—
—
—
—
—
—
—
11,12,14
11,12,14
11,12,14
11,12,14
11,12,14
5,6,7
5,6,7
7
7
5,6,7
Pulse
In
Pulse
Out
–3.0 V
Gnd
VEE
AC Gain (See Figure 1)
AV
11
—
—
5.0
—
—
—
V/V
2
11
9
14
7
(Frequency =
100 MHz) *Note
11
—
—
0.28
—
—
—
V/V
8
11
3
14
7
NOTE: *Note: AC Gain is a function of collector load impedance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com